Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM642GDKA500 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS320DM642GDKA500
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642GDKA500 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320DM642GDKA500 Datasheet HTML 12Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 13Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 14Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 15Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 16Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 17Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 18Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 19Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 178 page
background image
www.ti.com
2.4
Bootmode
2.5
Pin Assignments
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
The DM642 device resets using the active-low signal RESET. While RESET is low, the device is held in
reset and is initialized to the prescribed reset state. Refer to reset timing for reset timing characteristics
and states of device pins during reset. The release of RESET starts the processor running with the
prescribed device configuration and boot mode.
The DM642 has three types of boot modes:
• Host boot
If host boot is selected, upon release of RESET, the CPU is internally "stalled" while the remainder of
the device is released. During this period, an external host can initialize the CPU's memory space as
necessary through the host interface, including internal configuration registers, such as those that
control the EMIF or other peripherals. For the DM642 device, the HPI peripheral is used for host boot if
PCI_EN = 0, and the PCI peripheral is used if PCI_EN = 1. Once the host is finished with all necessary
initialization, it must set the DSPINT bit in the HPIC register to complete the boot process. This
transition causes the boot configuration logic to bring the CPU out of the "stalled" state. The CPU then
begins execution from address 0. The DSPINT condition is not latched by the CPU, because it occurs
while the CPU is still internally "stalled". Also, DSPINT brings the CPU out of the "stalled" state only if
the host boot process is selected. All memory may be written to and read by the host. This allows for
the host to verify what it sends to the DSP if required. After the CPU is out of the "stalled" state, the
CPU needs to clear the DSPINT, otherwise, no more DSPINTs can be received.
• EMIF boot (using default ROM timings)
Upon the release of RESET, the 1K-Byte ROM code located in the beginning of CE1 is copied to
address 0 by the EDMA using the default ROM timings, while the CPU is internally "stalled". The data
should be stored in the endian format that the system is using. In this case, the EMIF automatically
assembles consecutive 8-bit bytes to form the 32-bit instruction words to be copied. The transfer is
automatically done by the EDMA as a single-frame block transfer from the ROM to address 0. After
completion of the block transfer, the CPU is released from the "stalled" state and starts running from
address 0.
• No boot
With no boot, the CPU begins direct execution from the memory located at address 0. Note: operation
is undefined if invalid code is located at address 0.
16
Device Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com