| Electronic Components Datasheet Search |
|
TMS320DM642GDKA500 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM642GDKA500 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 178 page ![]() www.ti.com 2.5.2 Signal Groups Description TRST GP0[7]/EXT_INT7(B) IEEE Standard 1149.1 (JTAG) Emulation Reserved Reset and Interrupts Control/Status TDI TDO TMS TCK EMU0 EMU1 NMI GP0[6]/EXT_INT6(B) GP0[5]/EXT_INT5(B) GP0[4]/EXT_INT4(B) RESET RSV07 RSV06 Clock/PLL CLKIN CLKMODE1 CLKMODE0 PLLV EMU2 EMU3 EMU4 EMU5 GP0 General-Purpose Input/Output 0 (GP0) Port GP0[7]/EXT_INT7(B) GP0[6]/EXT_INT6(B) GP0[5]/EXT_INT5(B) GP0[4]/EXT_INT4(B) GP0[3]/PCIEEAI CLKOUT6/GP0[2](A) CLKOUT4/GP0[1](A) GP0[0] CLKOUT6/GP0[2](A) CLKOUT4/GP0[1](A) EMU6 EMU7 EMU8 EMU9 EMU10 GP0[15]/PRST(C) GP0[14]/PCLK(C) GP0[13]/PINTA (C) GP0[12]/PGNT(C) GP0[11]/PREQ(C) GP0[10]/PCBE3(C) GP0[9]/PIDSEL(C) VDAC/GP0[8]/PCI66(C) RSV08 EMU11 RSV04 RSV03 RSV05 Peripheral Control/Status PCI_EN TOUT0/MAC_EN RSV01 RSV00 RSV02 TMS320DM642 Video/Imaging Fixed-Point Digital Signal Processor SPRS200J – JULY 2002 – REVISED AUGUST 2005 A. These pins are muxed with the GP0 pins and by default these signals function as clocks (CLKOUT4 or CLKOUT6). To use these muxed pins as GPIO signals, the appropriate GPIO register bits (GPxEN and GPxDIR) must be properly enabled and configured. For more details, see the Device Configurations section of this data sheet. B. These pins are GP0 pins that can also function as external interrupt sources (EXT_INT[7:4]). Default after reset is EXT_INTx or GPIO as input-only. C. These GP0 pins are muxed with the PCI peripheral pins and by default these signals are set up to no function with both the GPIO and PCI pin functions disabled. For more details on these muxed pins, see the Device Configurations section of this data sheet. Figure 2-7. CPU and Peripheral Signals Device Overview 21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |