Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC101N Datasheet(PDF) 7 Page - Sanken electric

Part # LC101N
Description  LED Current balancer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC101N Datasheet(HTML) 7 Page - Sanken electric

Back Button LC101N Datasheet HTML 3Page - Sanken electric LC101N Datasheet HTML 4Page - Sanken electric LC101N Datasheet HTML 5Page - Sanken electric LC101N Datasheet HTML 6Page - Sanken electric LC101N Datasheet HTML 7Page - Sanken electric LC101N Datasheet HTML 8Page - Sanken electric LC101N Datasheet HTML 9Page - Sanken electric LC101N Datasheet HTML 10Page - Sanken electric LC101N Datasheet HTML 11Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LC101N
LC101N-DSE Rev.1.0
SANKEN ELECTRIC CO.,LTD
7
Nov.19, 2015
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
9.
External Dimensions
● DFN8
NOTES:
● Dimension is in millimeters
● Pb-free. Device composition compliant with the RoHS directive
● Width of 1 pin is 0.375 mm, the others are 0.3mm
● In order to release temperrature The heat slug of the back surface should heat dissipation to the pattern of PCB.
10. Marking Diagram
1
8
Abbreviated product number (LC101N)
Control Number
Lot Number
Y = Last Digit of Year (0~9)
M = Month (1~9, O, N or D)
D = Period of days
(1~9 or A~Z without B, I, O and Q)
1 Y M D
X X X
1
<Top View>
<Bottom View>
<Side View>
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com