Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC101N Datasheet(PDF) 8 Page - Sanken electric

Part # LC101N
Description  LED Current balancer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC101N Datasheet(HTML) 8 Page - Sanken electric

Back Button LC101N Datasheet HTML 4Page - Sanken electric LC101N Datasheet HTML 5Page - Sanken electric LC101N Datasheet HTML 6Page - Sanken electric LC101N Datasheet HTML 7Page - Sanken electric LC101N Datasheet HTML 8Page - Sanken electric LC101N Datasheet HTML 9Page - Sanken electric LC101N Datasheet HTML 10Page - Sanken electric LC101N Datasheet HTML 11Page - Sanken electric LC101N Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LC101N
LC101N-DSE Rev.1.0
SANKEN ELECTRIC CO.,LTD
8
Nov.19, 2015
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
11. Operational Description
11.1 Basic operation
The current control of the LC101N is quite simple.
The both end voltage of the setup resistor R1 which is
connected between the FB terminal and the LO pin. So
that it becomes constant, the emitter-collector voltage of
the internal PNP-transistor is linear-controlled by the
error amplifier.
Figure 11-1 shows the basic circuit of LC101N.
ICONST
LO
FB
IN
4
1
8
5
LED
U1
R1
ILED1
LO
FB
IN
4
1
8
5
LED
U2
R2
ILED2
LED1
LED2
VF1
VF2
VF1×n
VF2×n
Figure 11-1 LC101N basic circuit
LED current, ILED is calculated by Equation (3).
(3)
From Equation (3), the setup resistor, R1 is calculated
by Equation (4).
(4)
The reference voltage, VFB for the constant current
control is 200 mV. The both end voltage of R1 is
controlled to become equal to VFB.
The loss of R1, PR1 is calculated by Equation (5).
(5)
Table 11-1 shows the calculation result of relationship
of ILED, R1, and PR1.
Table 11-1 The loss of R1, PR1
ILED (mA)
R1 (Ω)
PR1 (mW)
50
4
10
100
2
20
150
1.33
30
In addition, the loss of the IC, PD is calculated by
Equation (6).
(6)
where, VIN is the voltage between the IN pin and the
LO pin, and VLED is the voltage between the LED pin
and LO pin.
11.2 Power Supply
The power supply should be use the constant-current
source. If the constant-voltage source is used, the
voltage difference between input and output that does
not require for LED becomes the loss of the IC.
Though it will operate with the constant-voltage
source, if the input-output voltage difference becomes
larger than necessary, and all of surplus will be loss in
this IC
The ability of power supply, PIN is required to satisfy
following equation.
(7)
where, N is number of LED in series,
VF is forward voltage of LED, and
ICONST is the constant current of power supply.
For example, LED current is set to 50 mA in Figure
11-1. The constant current of power supply, ICONST, is set
fewer than the total current value of LED-strings A and
B (100mA), because the drooping characteristic of
constant-current source is considered. In this case, ICONST
is set 95 mA.
If VF = 3V and n = 7, PIN becomes as follows:
11.3 Current Balance Operation
If All LEDs have same VF, and the same current flows
to LED-string A and B, the power loss of IC becomes
minimum because the circuit is controlled by the
constant-current source, ICONST and the internal transistor
is a saturated condition.
However, the complete equilibrium state is impossible
by characteristic variations of VF. If each VF2 of LED
string B is smaller than VF1 of LED string A by 0.1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com