Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC101N Datasheet(PDF) 1 Page - Sanken electric

Part # LC101N
Description  LED Current balancer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC101N Datasheet(HTML) 1 Page - Sanken electric

  LC101N Datasheet HTML 1Page - Sanken electric LC101N Datasheet HTML 2Page - Sanken electric LC101N Datasheet HTML 3Page - Sanken electric LC101N Datasheet HTML 4Page - Sanken electric LC101N Datasheet HTML 5Page - Sanken electric LC101N Datasheet HTML 6Page - Sanken electric LC101N Datasheet HTML 7Page - Sanken electric LC101N Datasheet HTML 8Page - Sanken electric LC101N Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LED Current balancer IC
LC101N
Data Sheet
LC101N-DSE Rev.1.0
SANKEN ELECTRIC CO.,LTD
1
Nov.19, 2015
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
Description
LC101N is a current control IC that uses a
low-saturated PNP bipolar transistor in the power block.
The saturation voltage of the saturated condition is small
and can be designed with minimal losses in the case of
driving with a constant current source. The constant
current value is set up by the resistor connected between
the FB terminal and the LO pin, and you can drive the
LED in the constant current condition. LC101N is
available in an 8-pin DFN package for surface
mounting.
Features
● Maximum current is 150 mA
● Low input-output voltage difference design is
achieved by low saturation voltage;
VDIF(max.)=0.35 V (Io = 150 mA)
● Reference voltage of 200 mV reduces the sense
resistor loss
● Optimal balance operation can be realise in parallel
connection of multiple LED strings
● Protections
Overcurrent Protection (OCP): Foldback
Thermal Shutdown (TSD): Auto-restart
Typical Application
ICONST
LO
FB
IN
4
1
8
5
LED
U1
R1
ILED1
LO
FB
IN
4
1
8
5
LED
U2
R2
ILED2
Package
DFN 8
*Not to scale
Electrical Characteristics
● Maximum input voltage: 35 V
● Maximum output current: 150 mA
● Reference voltage for the constant current control:
200 mV
● Power Dissipation: 1.3 W
Applications
● LED Lightings
● Back light system for LCD-Touch-panels,etc.
余白上
35mm
ヘッター
1 線
長さ
174 mm
下方向
33mm
右方向
-2mm
ヘッター
1 線
長さ
174 mm
下方向
33mm
右方向
-2mm


Similar Part No. - LC101N

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC101 SEOUL-LC101 Datasheet
376Kb / 14P
INFRARED LAMP LED
LC101 SEOUL-LC101 Datasheet
360Kb / 13P
CYAN LAMP LED
LC101 SEOUL-LC101 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC101 SEOUL-LC101 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC101 SEOUL-LC101 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LC101N

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
Battery Cell Monitor and Balancer IC
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
Battery Cell Monitor and Balancer IC
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
Constant current offline LED driver IC
logo
Texas Instruments
DLPA3000 TI1-DLPA3000 Datasheet
1,021Kb / 75P
PMIC and High-Current LED Driver IC
LM3466 TI1-LM3466 Datasheet
1Mb / 23P
Multi-String LED Current Balancer for Use with Constant-Current Power Supplies
logo
Rohm
BD2808MUV-M ROHM-BD2808MUV-M Datasheet
959Kb / 34P
24ch Constant Current LED Driver IC
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
16-bit constant current LED driver IC
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
LED constant current driver IC
FM3081EDS FUMAN-FM3081EDS Datasheet
549Kb / 9P
LED linear constant current drive control IC
FM3081EHS FUMAN-FM3081EHS Datasheet
545Kb / 9P
LED linear constant current drive control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com