Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S903F3 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM8S903F3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903F3 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM8S903F3 Datasheet HTML 75Page - STMicroelectronics STM8S903F3 Datasheet HTML 76Page - STMicroelectronics STM8S903F3 Datasheet HTML 77Page - STMicroelectronics STM8S903F3 Datasheet HTML 78Page - STMicroelectronics STM8S903F3 Datasheet HTML 79Page - STMicroelectronics STM8S903F3 Datasheet HTML 80Page - STMicroelectronics STM8S903F3 Datasheet HTML 81Page - STMicroelectronics STM8S903F3 Datasheet HTML 82Page - STMicroelectronics STM8S903F3 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 121 page
background image
DocID15590 Rev 10
79/121
STM8S903K3 STM8S903F3
Electrical characteristics
88
tr(SCK)
tf(SCK)
SPI clock rise and fall
time
Capacitive load:
C = 30 pF
-25
ns
tsu(NSS)(2) NSS setup time
Slave mode
4 * tMASTER
-
th(NSS)(2) NSS hold time
Slave mode
70
-
tw(SCKH)(2)
tw(SCKL)(2)
SCK high and low time
Master mode
tSCK/2 - 15
tSCK/2 + 15
tsu(MI)(2)
tsu(SI)(2)
Data input setup time
Master mode
5
-
Slave mode
5
-
th(MI)(2)
th(SI)(2)
Data input hold time
Master mode
7
-
Slave mode
10
-
ta(SO)(2)(3) Data output access time
Slave mode
-
3* tMASTER
tdis(SO)(2)(4) Data output disable time
Slave mode
25
-
tv(SO)(2)
Data output valid time
Slave mode
(after enable edge)
-65(5)
tv(MO)(2)
Data output valid time
Master mode (after
enable edge)
-30
th(SO)(2)
Data output hold time
Slave mode (after
enable edge)
27(5)
-
th(MO)(2)
Master mode (after
enable edge)
11(5)
-
1. Parameters are given by selecting 10 MHz I/O output frequency.
2. Values based on design simulation and/or characterization results, and not tested in production.
3. Min time is for the minimum time to drive the output and the max time is for the maximum time to validate
the data.
4. Min time is for the minimum time to invalidate the output and the max time is for the maximum time to put
the data in Hi-Z.
5. Data characterization in progress.
Table 45. SPI characteristics (continued)
Symbol
Parameter
Conditions(1)
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com