Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S903F3 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8S903F3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903F3 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8S903F3 Datasheet HTML 19Page - STMicroelectronics STM8S903F3 Datasheet HTML 20Page - STMicroelectronics STM8S903F3 Datasheet HTML 21Page - STMicroelectronics STM8S903F3 Datasheet HTML 22Page - STMicroelectronics STM8S903F3 Datasheet HTML 23Page - STMicroelectronics STM8S903F3 Datasheet HTML 24Page - STMicroelectronics STM8S903F3 Datasheet HTML 25Page - STMicroelectronics STM8S903F3 Datasheet HTML 26Page - STMicroelectronics STM8S903F3 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 121 page
background image
DocID15590 Rev 10
23/121
STM8S903K3 STM8S903F3
Pinouts and pin descriptions
30
5.3
TSSOP20, SO20 and UFQFPN20 pin descriptions
Table 5. TSSOP20/SO20/UFQFPN20 pin descriptions
Input
Output
4
1 NRST
I/O
-
X
-
-
-
-
-
Reset
-
5
2 PA1/ OSCIN(2)
I/O
X
X
X
-
O1
X
X
Port
A1
Resonator/
crystal in
-
6
3 PA2/ OSCOUT
I/O
X
X
X
-
O1
X
X
Port
A2
Resonator/
crystal out
-
7
4 VSS
S
-
-
-
-
-
-
-
Digital ground
-
8
5 VCAP
S
-
-
-
-
-
-
-
1.8 V regulator capacitor
-
9
6 VDD
S
-
-
-
-
-
-
-
Digital power supply
-
10 7
PA3/
TIM5_CH3
[SPI_NSS]
[UART1_TX]
I/O
X
X
X
HS
O3
X
X
Port
A3
Timer 52
channel 3
SPI master/
slave select
[AFR1]/ UART1
data transmit
[AFR1:0]
11
8
PB5/ I2C_SDA
[TIM1_BKIN]
I/O
X
-
X
-
O1 T(3)
Port
B5
I2C data
Timer 1 - break
input [AFR4]
12 9
PB4/ I2C_SCL
[ADC_ETR]
I/O
X
-
X
-
O1 T(3)
Port
B4
I2C clock
ADC external
trigger [AFR4]
13 10
PC3/
TIM1_CH3/TLI/
[TIM1_CH1N]
I/O
X
X
X
HS
O3
X
X
Port
C3
Timer 1 -
channel 3
Top level
interrupt [AFR3]
Timer 1 inverted
channel 1
[AFR7]
14 11
PC4/
TIM1_CH4/
CLK_CCO/AIN
2/[TIM1_CH2]
I/O
X
X
X
HS
O3
X
X
Port
C4
Timer 1 -
channel 4
/configurable
clock output
Analog input 2
[AFR2]Timer 1
inverted
channel 2
[AFR7]
15 12
PC5/SPI_SCK
[TIM5_CH1]
I/O
X
X
X
HS
O3
X
X
Port
C5
SPI clock
Timer 5
channel 1
[AFR0]
16 13
PC6/
SPI_MOSI
[TIM1_CH1]
I/O
X
X
X
HS
O3
X
X
Port
C6
PI master
out/slave in
Timer 1 channel
1 [AFR0]
17 14
PC7/
SPI_MISO
[TIM1_CH2]
I/O
X
X
X
HS
O3
X
X
Port
C7
SPI master in/
slave out
Timer 1 channel
2[AFR0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com