Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S903F3 Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM8S903F3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903F3 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM8S903F3 Datasheet HTML 93Page - STMicroelectronics STM8S903F3 Datasheet HTML 94Page - STMicroelectronics STM8S903F3 Datasheet HTML 95Page - STMicroelectronics STM8S903F3 Datasheet HTML 96Page - STMicroelectronics STM8S903F3 Datasheet HTML 97Page - STMicroelectronics STM8S903F3 Datasheet HTML 98Page - STMicroelectronics STM8S903F3 Datasheet HTML 99Page - STMicroelectronics STM8S903F3 Datasheet HTML 100Page - STMicroelectronics STM8S903F3 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 121 page
background image
DocID15590 Rev 10
97/121
STM8S903K3 STM8S903F3
Package information
106
11.4
SDIP32 package information
Figure 53. SDIP32 package outline
Table 57. SDIP32 package mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
3.556
3.759
5.080
0.1400
0.1480
0.2000
A1
0.508
-
-
0.0200
-
-
A2
3.048
3.556
4.572
0.1200
0.1400
0.1800
B
0.356
0.457
0.584
0.0140
0.0180
0.0230
B1
0.762
1.016
1.397
0.0300
0.0400
0.0550
C
0.203
0.254
0.356
0.0079
0.0100
0.0140
D
27.430
27.940
28.450
1.0799
1.1000
1.1201
E
9.906
10.410
11.050
0.3900
0.4098
0.4350
E1
7.620
8.890
9.398
0.3000
0.3500
0.3700
e
-
1.778
-
-
0.0700
-
eA
-
10.160
-
-
0.4000
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com