Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F334X4 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32F334X4
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334X4 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32F334X4 Datasheet HTML 50Page - STMicroelectronics STM32F334X4 Datasheet HTML 51Page - STMicroelectronics STM32F334X4 Datasheet HTML 52Page - STMicroelectronics STM32F334X4 Datasheet HTML 53Page - STMicroelectronics STM32F334X4 Datasheet HTML 54Page - STMicroelectronics STM32F334X4 Datasheet HTML 55Page - STMicroelectronics STM32F334X4 Datasheet HTML 56Page - STMicroelectronics STM32F334X4 Datasheet HTML 57Page - STMicroelectronics STM32F334X4 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 115 page
background image
Electrical characteristics
STM32F334x4 STM32F334x6 STM32F334x8
54/115
DocID025409 Rev 5
Table 26. Typical and maximum current consumption from the VDDA supply
Symbol Parameter
Conditions
(1)
fHCLK
VDDA = 2.4 V
VDDA = 3.6 V
Unit
Typ.
Max. @ TA(2)
Typ.
Max. @ TA(2)
25 °C
85 °C 105 °C
25 °C 85 °C 105 °C
IDDA
Supply
current in
Run/Sleep
mode,
code
executing
from Flash
or RAM
HSE
bypass
72 MHz
224
252(3)
265
269(3)
245
272(3)
288
295(3)
µA
64 MHz
196
225
237
241
214
243
257
263
48 MHz
147
174
183
186
159
186
196
201
32 MHz
100
126
133
135
109
133
142
145
24 MHz
79
102
107
108
85
108
113
116
8 MHz
3
5
5
6
4
6
6
7
1 MHz
3
5
5
6
3
5
6
6
HSI clock
64 MHz
259
288
304
309
285
315
332
338
48 MHz
208
239
251
254
230
258
271
277
32 MHz
162
190
198
202
179
206
216
219
24 MHz
140
168
175
178
155
181
188
191
8 MHz
62
85
88
89
71
94
96
98
1. Current consumption from the VDDA supply is independent of whether the peripherals are on or off. Furthermore when the
PLL is off, IDDA is independent from the frequency.
2. Data based on characterization results, not tested in production.
3. Data based characterization results and tested in production with code executing from RAM.
Table 27. Typical and maximum VDD consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ. @VDD (VDD=VDDA)Max.(1)
Unit
2.0
V
2.4
V
2.7
V
3.0
V
3.3
V
3.6
V
TA =
25 °C
TA =
85 °C
TA =
105 °
C
IDD
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
17.5
1
17.6
8
17.8
4
18.1
7
18.5
7
19.3
9
30.6 232.5 612.2
µA
Regulator in low-power
mode, all oscillators
OFF
6.44 6.51 6.60 6.73 6.96 7.20
20.0 246.4 585.0
Supply
current in
Standby
mode
LSI ON and IWDG ON 0.73 0.89 1.02 1.14 1.28 1.44
-
-
-
LSI OFF and IWDG
OFF
0.55 0.66 0.75 0.85 0.93 1.01
4.9
7.0
7.9
1. Data based on characterization results, not tested in production unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com