Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F334X4 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32F334X4
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334X4 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32F334X4 Datasheet HTML 75Page - STMicroelectronics STM32F334X4 Datasheet HTML 76Page - STMicroelectronics STM32F334X4 Datasheet HTML 77Page - STMicroelectronics STM32F334X4 Datasheet HTML 78Page - STMicroelectronics STM32F334X4 Datasheet HTML 79Page - STMicroelectronics STM32F334X4 Datasheet HTML 80Page - STMicroelectronics STM32F334X4 Datasheet HTML 81Page - STMicroelectronics STM32F334X4 Datasheet HTML 82Page - STMicroelectronics STM32F334X4 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 115 page
background image
DocID025409 Rev 5
79/115
STM32F334x4 STM32F334x6 STM32F334x8
Electrical characteristics
100
Figure 23. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 53. Otherwise the reset will not be taken into account by the device.
3. The external capacitor on NRST must be placed as close as possible to the device.
4. Place the external capacitor 0.1u F on NRST as close as possible to the chip.
6.3.16
High-resolution timer (HRTIM)
The parameters given in Table 54 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 19.
Table 54. HRTIM1 characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TA
Timer ambient
temperature range
fHRTIM=144MHz (1)
1. Using HSE with 8MHz XTAL as clock source, configuring PLL to get PLLCLK=144MHz, and selecting
PLLCLKx2 as HRTIM clock source. (Refer to Reset and clock control section in RM0364.)
-40
-
105
°C
fHRTIM=128MHz (2)
2. Using HSI (internal 8MHz RC oscillator), configuring PLL to get PLLCLK=128MHz, and selecting
PLLCLKx2 as HRTIM clock source. (Refer to Reset and clock control section in RM0364.
-10
-
105
°C
fHRTIM
HRTIM input clock
for DLL calibration
As per TA conditions
128
-
144
MHz
tHRTIM
6.9
-
7.8
ns
tRES(HRTIM)
Timer resolution
time
fHRTIM=144MHz (1), TA
from -40 to 105°C
-217
-
ps
fHRTIM=128MHz (2),TA
from -10 to 105°C
-244
-
ps
ResHRTIM Timer resolution
-
-
-
16
bit
tDTG
Dead time
generator clock
period
-
0.125
-
16
tHRTIM
fHRTIM=144MHz (1)
0.868
-
111.10
ns
|tDTR| / |tDTF|
max
Dead time range
(absolute value)
--
-
511
tDTG
fHRTIM=144MHz (1)
-
-
56.77
µs
fCHPFRQ
Chopper stage
clock frequency
-
1/256
-
1/16
fHRTIM
fHRTIM=144MHz (1)
0.562
-
9
MHz
t1STPW
Chopper first
pulse length
-16
-
256
tHRTIM
fHRTIM=144MHz (1)
0.111
-
1.77
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com