Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB572IQ2T Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSB572IQ2T
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB572IQ2T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSB572IQ2T Datasheet HTML 16Page - STMicroelectronics TSB572IQ2T Datasheet HTML 17Page - STMicroelectronics TSB572IQ2T Datasheet HTML 18Page - STMicroelectronics TSB572IQ2T Datasheet HTML 19Page - STMicroelectronics TSB572IQ2T Datasheet HTML 20Page - STMicroelectronics TSB572IQ2T Datasheet HTML 21Page - STMicroelectronics TSB572IQ2T Datasheet HTML 22Page - STMicroelectronics TSB572IQ2T Datasheet HTML 23Page - STMicroelectronics TSB572IQ2T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Application information
TSB572
20/27
DocID028308 Rev 2
4.6
Capacitive load
Driving large capacitive loads can cause stability problems. Increasing the load
capacitance produces gain peaking in the frequency response, with overshoot and ringing
in the step response. It is usually considered that with a gain peaking higher than 2.3 dB an
op amp might become unstable.
Generally, unity gain configuration is the worst situation for stability and the ability to drive
large capacitive loads.
Figure 36: "Stability criteria with a serial resistor at different supply voltages" shows the
serial resistor that must be added to the output, to make a system stable. Figure 37: "Test
configuration for Riso" shows the test configuration using an isolation resistor, Riso.
Figure 36: Stability criteria with a serial resistor at different supply voltages
Figure 37: Test configuration for Riso
Cload
VIN
+
-
VCC+
Riso
10 kΩ
VCC-
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com