Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB572IQ2T Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSB572IQ2T
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB572IQ2T Datasheet(HTML) 5 Page - STMicroelectronics

  TSB572IQ2T Datasheet HTML 1Page - STMicroelectronics TSB572IQ2T Datasheet HTML 2Page - STMicroelectronics TSB572IQ2T Datasheet HTML 3Page - STMicroelectronics TSB572IQ2T Datasheet HTML 4Page - STMicroelectronics TSB572IQ2T Datasheet HTML 5Page - STMicroelectronics TSB572IQ2T Datasheet HTML 6Page - STMicroelectronics TSB572IQ2T Datasheet HTML 7Page - STMicroelectronics TSB572IQ2T Datasheet HTML 8Page - STMicroelectronics TSB572IQ2T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TSB572
Electrical characteristics
DocID028308 Rev 2
5/27
3
Electrical characteristics
Table 3: Electrical characteristics at Vcc = 4 V, Vicm = Vcc/2, Tamb = 25 °C, and RL
connected to Vcc/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
-1.5
1.5
mV
-40 °C < T < 125 °C
-2.1
2.1
ΔVio/ΔT
Input offset voltage drift
-40 °C < T < 125 °C
1.5
6
μV/°C
Iio
Input offset current
2
15
nA
-40 °C < T < 125 °C
35
Iib
Input bias current
8
30
-40 °C < T < 125 °C
70
CIN
Input capacitor
2
pF
RIN
Input impedance
1
TΩ
CMR
Common mode rejection ratio
20 log (ΔVicm/ΔVio)
Vicm = (VCC-) to (VCC+) - 1.5 V,
Vout = VCC/2
90
114
dB
-40 °C < T < 125 °C
80
Vicm = (VCC-) to (VCC+), Vout = VCC/2
75
97
-40 °C < T < 125 °C
70
Avd
Large signal voltage gain
RL= 10 kΩ, Vout = 0.5 to 3.5 V
90
100
-40 °C < T < 125 °C
85
VOH
High level output voltage
(drop voltage from (VCC+))
RL = 10 kΩ
19
60
mV
-40 °C < T < 125 °C
80
VOL
Low level output voltage
RL = 10 kΩ
12
50
-40 °C < T < 125 °C
70
Iout
Isink
Vout = VCC
20
38
mA
-40 °C < T < 125 °C
5
Isource
Vout = 0 V
10
32
-40 °C < T < 125 °C
5
ICC
Supply current (per channel)
No load, Vout = VCC/2
340
430
μA
-40 °C < T < 125 °C
500
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
1.5
2.2
MHz
-40 °C < T < 125 °C
1.2
ϕm
Phase margin
RL = 10 kΩ, CL = 100 pF
45
degrees
Gm
Gain margin
RL = 10 kΩ, CL = 100 pF
5
dB
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com