Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB572IQ2T Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSB572IQ2T
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB572IQ2T Datasheet(HTML) 4 Page - STMicroelectronics

  TSB572IQ2T Datasheet HTML 1Page - STMicroelectronics TSB572IQ2T Datasheet HTML 2Page - STMicroelectronics TSB572IQ2T Datasheet HTML 3Page - STMicroelectronics TSB572IQ2T Datasheet HTML 4Page - STMicroelectronics TSB572IQ2T Datasheet HTML 5Page - STMicroelectronics TSB572IQ2T Datasheet HTML 6Page - STMicroelectronics TSB572IQ2T Datasheet HTML 7Page - STMicroelectronics TSB572IQ2T Datasheet HTML 8Page - STMicroelectronics TSB572IQ2T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Absolute maximum ratings and operating
conditions
TSB572
4/27
DocID028308 Rev 2
2
Absolute maximum ratings and operating conditions
Table 1: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
(1)
40
V
Vid
Differential input voltage
(2)
±1
Vin
Input voltage
(3)
(VCC
-) - 0.2 to (V
CC
+) + 0.2
Iin
Input current
(4)
10
mA
Tstg
Storage temperature
-65 to 150
°C
Tj
Maximum junction temperature
150
Rthja
Thermal resistance junction to
ambient
(5)(6)
MiniSO8
190
°C/W
DFN8 3x3
40
ESD
Human body model (HBM)
(7)
4
kV
Machine model (MM)
(8)
100
V
CDM: charged device model
(9)
1.5
kV
Latch-up immunity
200
mA
Notes:
(1)
All voltage values, except the differential voltage are with respect to network ground terminal.
(2)
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
(3)
VCC-Vin must not exceed 6 V, Vin must not exceed 6 V.
(4)
Input current must be limited by a resistor in-series with the inputs.
(5)
Rth are typical values.
(6)
Short-circuits can cause excessive heating and destructive dissipation.
(7)
According to JEDEC standard JESD22-A114F.
(8)
According to JEDEC standard JESD22-A115A.
(9)
According to ANSI/ESD STM5.3.1.
Table 2: Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4 to 36
V
Vicm
Common mode input voltage range
(VCC
-) - 0.1 to (V
CC
+) + 0.1
Toper
Operating free-air temperature range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com