Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7004CLH Datasheet(PDF) 7 Page - STMicroelectronics

Part # VN7004CLH
Description  High-side driver with CurrentSense analog feedback for automotive applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004CLH Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VN7004CLH Datasheet HTML 3Page - STMicroelectronics VN7004CLH Datasheet HTML 4Page - STMicroelectronics VN7004CLH Datasheet HTML 5Page - STMicroelectronics VN7004CLH Datasheet HTML 6Page - STMicroelectronics VN7004CLH Datasheet HTML 7Page - STMicroelectronics VN7004CLH Datasheet HTML 8Page - STMicroelectronics VN7004CLH Datasheet HTML 9Page - STMicroelectronics VN7004CLH Datasheet HTML 10Page - STMicroelectronics VN7004CLH Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
VN7004CLH
Electrical specification
DocID027770 Rev 5
7/36
2
Electrical specification
Figure 3: Current and voltage conventions
VF = VOUT - VCC when VOUT > VCC and INPUT = LOW
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 4: "Absolute maximum ratings" may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to the conditions in table below for extended
periods may affect device reliability.
Table 4: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
38
V
-VCC
Reverse DC supply voltage
16
VCCPK
Maximum transient supply voltage (ISO7637-2:2004 Pulse 5b level
IV clamped to 40 V; RL = 4
Ω)
40
-IGND
DC reverse ground pin current
200
mA
IOUT
OUTPUT DC output current
Internally
limited
A
-IOUT
Reverse DC output current
38
IIN
INPUT DC input current
-1 to 10
mA
IFR_DIAG
FR_DIAG DC input current
ISENSE
CS pin DC output current (VGND = VCC and VSENSE < 0 V)
10
mA
CS pin DC output current in reverse (VCC < 0 V)
-20
EMAX
Maximum switching energy (single pulse)
(TDEMAG = 0.13 ms; Tjstart = 150 °C)
105
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com