Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7004CLH Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN7004CLH
Description  High-side driver with CurrentSense analog feedback for automotive applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004CLH Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN7004CLH Datasheet HTML 4Page - STMicroelectronics VN7004CLH Datasheet HTML 5Page - STMicroelectronics VN7004CLH Datasheet HTML 6Page - STMicroelectronics VN7004CLH Datasheet HTML 7Page - STMicroelectronics VN7004CLH Datasheet HTML 8Page - STMicroelectronics VN7004CLH Datasheet HTML 9Page - STMicroelectronics VN7004CLH Datasheet HTML 10Page - STMicroelectronics VN7004CLH Datasheet HTML 11Page - STMicroelectronics VN7004CLH Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Electrical specification
VN7004CLH
8/36
DocID027770 Rev 5
Symbol
Parameter
Value
Unit
VESD
Electrostatic discharge (JEDEC 22A-114F)
INPUT
CurrentSense
FR_DIAG
OUTPUT
VCC
4000
2000
4000
4000
4000
V
V
V
V
V
VESD
Charge device model (CDM-AEC-Q100-011)
750
V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
2.2
Thermal data
Table 5: Thermal data
Symbol
Parameter
Typ. value
Unit
Rthj-case
Thermal resistance junction-case (1)
1.45
°C/W
Rthj-amb
Thermal resistance junction-ambient (JEDEC JESD 51-5) (2)
58.1
Rthj-amb
Thermal resistance junction-ambient (JEDEC JESD 51-7) (1)
15.6
Notes:
(1)Device mounted on four-layers 2s2p PCB
(2)Device mounted on two-layers 2s0p PCB with 2 cm2 heatsink copper trace
2.3
Main electrical characteristics
7 V < VCC < 28 V; -40°C < Tj < 150°C, unless otherwise specified.
All typical values refer to VCC = 13 V; Tj = 25°C, unless otherwise specified.
Table 6: Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Operating supply voltage
4
13
28
V
VUSD
Undervoltage shutdown
4
VUSDReset
Undervoltage shutdown
reset
5
VUSDhyst
Undervoltage shutdown
hysteresis
0.3
RON
On-state resistance
IOUT = 15 A; Tj = 25°C
4
mΩ
IOUT = 15 A; Tj = 150°C
8
IOUT = 15 A; VCC = 4 V; Tj = 25°C
6
RON_Rev
RDSON in reverse battery
condition
VCC = -13 V; IOUT = -15 A;
Tj = 25°C
4
mΩ
Vclamp
Clamp voltage
IS = 20 mA; Tj = -40°C
38
V
IS = 20 mA; 25°C < Tj < 150°C
41
46
52
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com