Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7004CLH Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN7004CLH
Description  High-side driver with CurrentSense analog feedback for automotive applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004CLH Datasheet(HTML) 1 Page - STMicroelectronics

  VN7004CLH Datasheet HTML 1Page - STMicroelectronics VN7004CLH Datasheet HTML 2Page - STMicroelectronics VN7004CLH Datasheet HTML 3Page - STMicroelectronics VN7004CLH Datasheet HTML 4Page - STMicroelectronics VN7004CLH Datasheet HTML 5Page - STMicroelectronics VN7004CLH Datasheet HTML 6Page - STMicroelectronics VN7004CLH Datasheet HTML 7Page - STMicroelectronics VN7004CLH Datasheet HTML 8Page - STMicroelectronics VN7004CLH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
November 2016
DocID027770 Rev 5
1/36
This is information on a product in full production.
www.st.com
VN7004CLH
High-side driver with CurrentSense analog feedback for
automotive applications
Datasheet - production data
Features
Max transient supply voltage
VCC
40 V
Operating voltage range
VCC
4 to 28 V
Typ. on-state resistance (per Ch)
RON
4
mΩ
Current limitation (typ)
ILIMH
135 A
Stand-by current (max)
ISTBY
0.5 µA
AEC-Q100 qualified
General
Single channel smart high-side driver
with CurrentSense analog feedback
Very low standby current
Compatible with 3.0 V and 5 V CMOS
outputs
Diagnostic functions
Overload and short to ground (power
limitation) indication
Thermal shutdown indication
OFF-state open-load detection
Output short to VCC detection
Protections
Undervoltage shutdown
Overvoltage clamp
Load current limitation
Self limiting of fast thermal transients
Loss of ground and loss of VCC
Configurable latch-off on
overtemperature or power limitation
Reverse battery
Electrostatic discharge protection
Applications
Specially intended for Automotive smart power
distribution, glow plugs, heating systems, DC
motors, relay replacement and high power
resistive and inductive actuators.
Description
The device is a single channel high-side driver
manufactured using ST proprietary VIPower®
technology and housed in the Octapak package.
The device is designed to drive 12 V automotive
grounded loads through a 3 V and 5 V CMOS-
compatible interface, and to provide protection
and diagnostics.
The device integrates advanced protective
functions such as load current limitation, overload
active management by power limitation and
overtemperature shutdown.
A combination of INPUT and FR_DIAG pins
latches the output in case of fault, disables the
latch-off functionality and enables OFF-state
diagnostic.
Table 1: Device summary
Package
Order codes
Tape and reel
Octapak
VN7004CLHTR


Similar Part No. - VN7004CLH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
09-Nov-2016
VN7004CHTR STMICROELECTRONICS-VN7004CHTR Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
09-Nov-2016
More results

Similar Description - VN7004CLH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7004AH-E STMICROELECTRONICS-VN7004AH-E Datasheet
784Kb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
October 2014 Rev 8
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
13-Oct-2015
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
22-Jun-2015
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
14-Sep-2015
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback for automotive applications
02-Nov-2016
VN7003ALH STMICROELECTRONICS-VN7003ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback for automotive applications
02-Nov-2016
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
09-Nov-2016
VND7E050AJ STMICROELECTRONICS-VND7E050AJ Datasheet
962Kb / 48P
Double channel high-side driver with CurrentSense analog feedback for automotive applications
15-Nov-2018
VN7E010AJ STMICROELECTRONICS-VN7E010AJ Datasheet
3Mb / 46P
High-side driver with CurrentSense analog feedback for automotive applications
08-Nov-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com