Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL138-48 Datasheet(PDF) 3 Page - Microchip Technology

Part # PL138-48
Description  2.5V to 3.3V, Low-Skew, 1:4 Differential PECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL138-48 Datasheet(HTML) 3 Page - Microchip Technology

  PL138-48 Datasheet HTML 1Page - Microchip Technology PL138-48 Datasheet HTML 2Page - Microchip Technology PL138-48 Datasheet HTML 3Page - Microchip Technology PL138-48 Datasheet HTML 4Page - Microchip Technology PL138-48 Datasheet HTML 5Page - Microchip Technology PL138-48 Datasheet HTML 6Page - Microchip Technology PL138-48 Datasheet HTML 7Page - Microchip Technology PL138-48 Datasheet HTML 8Page - Microchip Technology PL138-48 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005543B-page 3
PL138-48
DC ELECTRICAL CHARACTERISTICS
Specifications: VCC = 2.5V; VEE = 0V. Input and output parameters vary 1:1 with VCC when VCC varies ±5%.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Output High Voltage, (Note 1)VOH
1.415
1.520
1.620
V
At –40°C
1.475
1.550
1.620
At +25°C
1.475
1.550
1.620
At +85°C
Output Voltage Low, (Note 1)VOL
0.670
0.810
0.945
V
At –40°C
0.690
0.785
0.880
At +25°C
0.690
0.785
0.880
At +85°C
Input High Voltage
VIH
1.275
—
1.620
V
At –40°C
1.335
—
1.620
At +25°C
1.335
—
1.620
At +85°C
Input Low Voltage
VIL
0.670
—
1.090
V
At –40°C
0.690
—
1.025
At +25°C
0.690
—
1.025
At +85°C
Input High Voltage Common
Mode Range, (Note 2, Note 3)
VCMR
1.2
—
2.5
V
At –40°C
1.2
—
2.5
At +25°C
1.2
—
2.5
At +85°C
Input High Current, (Note 4)IIH
——
60
µA
At –40°C
—
—
60
At +25°C
—
—
60
At +85°C
Input Low Current, (Note 4)IIL
–60
—
—
µA
At –40°C
–60
—
—
At +25°C
–60
—
—
At +85°C
Note 1: Outputs terminated with 50Ω to VCCO–2V.
2: Common mode voltage is defined as VIH.
3: For single-ended applications, the maximum input voltage for CLK-INx, CLK-INxB is VCC+0.3V.
4: CLK-IN0, CLK-IN1; CLK-IN0B, CLK-IN1B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com