Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL138-48 Datasheet(PDF) 6 Page - Microchip Technology

Part # PL138-48
Description  2.5V to 3.3V, Low-Skew, 1:4 Differential PECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL138-48 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PL138-48 Datasheet HTML 2Page - Microchip Technology PL138-48 Datasheet HTML 3Page - Microchip Technology PL138-48 Datasheet HTML 4Page - Microchip Technology PL138-48 Datasheet HTML 5Page - Microchip Technology PL138-48 Datasheet HTML 6Page - Microchip Technology PL138-48 Datasheet HTML 7Page - Microchip Technology PL138-48 Datasheet HTML 8Page - Microchip Technology PL138-48 Datasheet HTML 9Page - Microchip Technology PL138-48 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PL138-48
DS20005543B-page 6
 2016 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
FIGURE 2-1:
Pin Configuration, 16-Pin QFN.
FIGURE 2-2:
Pin Configuration, 20-Pin TSSOP.
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
QFN-16
Pin Number
TSSOP-20
Pin Name
Type
Description
41
VEE
P
Power supply pin connection.
16
2
CLK-EN
I
Synchronizing clock enable.
When HIGH, clock outputs follow clock input. When LOW, Q
outputs are forced low, QB outputs are forced high.
LVTTL/LVCMOS interface levels.
50 kΩ internal pull-up resistor.
—
3
CLK-SEL
I
Clock select input. When HIGH, selects CLK1 input. When
LOW, selects CLK0 input.
LVTTL/LVCMOS interface levels.
50 kΩ internal pull-down resistor.
2
4
CLK-IN0
I
True part of differential clock input signal. 75 kΩ internal
pull-down resistor.
3
5
CLK-IN0B
I
Complementary part of differential clock input signal.
100 kΩ internal pull-up and pull-down resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com