Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL138-48 Datasheet(PDF) 2 Page - Microchip Technology

Part # PL138-48
Description  2.5V to 3.3V, Low-Skew, 1:4 Differential PECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL138-48 Datasheet(HTML) 2 Page - Microchip Technology

  PL138-48 Datasheet HTML 1Page - Microchip Technology PL138-48 Datasheet HTML 2Page - Microchip Technology PL138-48 Datasheet HTML 3Page - Microchip Technology PL138-48 Datasheet HTML 4Page - Microchip Technology PL138-48 Datasheet HTML 5Page - Microchip Technology PL138-48 Datasheet HTML 6Page - Microchip Technology PL138-48 Datasheet HTML 7Page - Microchip Technology PL138-48 Datasheet HTML 8Page - Microchip Technology PL138-48 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PL138-48
DS20005543B-page 2
 2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VDD) ...............................................................................................................................................+4.6V
Input Voltage, DC (VI)..........................................................................................................................–0.5V to VDD+0.5V
Output Voltage, DC (VO) .....................................................................................................................–0.5V to VDD+0.5V
ESD Protection (HBM) ...............................................................................................................................................2 kV
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Specifications: VCC = 3.3V; VEE = 0V. Input and output parameters vary 1:1 with VCC when VCC varies ±10%.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Output High Voltage, (Note 1)VOH
2.215
2.320
2.420
V
At –40°C
2.275
2.350
2.420
At +25°C
2.275
2.350
2.420
At +85°C
Output Voltage Low, (Note 1)VOL
1.470
1.610
1.745
V
At –40°C
1.490
1.585
1.680
At +25°C
1.490
1.585
1.680
At +85°C
Input High Voltage
VIH
2.075
—
2.420
V
At –40°C
2.135
—
2.420
At +25°C
2.135
—
2.420
At +85°C
Input Low Voltage
VIL
1.470
—
1.890
V
At –40°C
1.490
—
1.825
At +25°C
1.490
—
1.825
At +85°C
Output Voltage Reference,
(Note 2)
VBB
1.86
—
1.98
V
At –40°C
1.92
—
2.04
At +25°C
1.92
—
2.04
At +85°C
Input High Voltage Common
Mode Range, (Note 3, Note 4)
VCMR
1.2
—
3.3
V
At –40°C
1.2
—
3.3
At +25°C
1.2
—
3.3
At +85°C
Input High Current, (Note 5)IIH
——
75
µA
At –40°C
——
75
At +25°C
——
75
At +85°C
Input Low Current, (Note 5)IIL
–75
—
—
µA
At –40°C
–75
—
—
At +25°C
–75
—
—
At +85°C
Note 1: Outputs terminated with 50Ω to VCCO–2V.
2: Single-ended input operation is limited to VCC ≥ 3V in LVPECL mode.
3: Common mode voltage is defined as VIH.
4: For single-ended applications, the maximum input voltage for CLK-INx, CLK-INxB is VCC+0.3V.
5: CLK-IN0, CLK-IN1; CLK-IN0B, CLK-IN1B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com