| Electronic Components Datasheet Search |
|
SST25PF040B Datasheet(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST25PF040B Datasheet(HTML) 6 Page - Microchip Technology |
|
6 / 31 page ![]() SST25PF040B DS20005134B-page 6 2014 Microchip Technology Inc. 4.3.3 AUTO ADDRESS INCREMENT (AAI) The Auto Address Increment Programming-Status bit provides status on whether the device is in AAI pro- gramming mode or Byte-Program mode. The default at power up is Byte-Program mode. 4.3.4 BLOCK PROTECTION (BP3,BP2, BP1, BP0) The Block-Protection (BP3, BP2, BP1, BP0) bits define the size of the memory area, as defined in Table 4-3, to be software protected against any memory Write (Pro- gram or Erase) operation. The Write-Status-Register (WRSR) instruction is used to program the BP3, BP2, BP1 and BP0 bits as long as WP# is high or the Block- Protect-Lock (BPL) bit is 0. Chip-Erase can only be executed if Block-Protection bits are all 0. After power- up, BP3, BP2, BP1 and BP0 are set to 1. 4.3.5 BLOCK PROTECTION LOCK-DOWN (BPL) WP# pin driven low (VIL), enables the Block-Protection- Lock-Down (BPL) bit. When BPL is set to 1, it prevents any further alteration of the BPL, BP3, BP2, BP1, and BP0 bits. When the WP# pin is driven high (VIH), the BPL bit has no effect and its value is “Don’t Care”. After power-up, the BPL bit is reset to 0. TABLE 4-3: SOFTWARE STATUS REGISTER BLOCK PROTECTION FOR SST25PF040B1 1. X = Don’t Care (RESERVED) default is ‘0’ Protection Level Status Register Bit2 2. Default at power-up for BP2, BP1, and BP0 is ‘111’. (All Blocks Protected) Protected Memory Address BP3 BP2 BP1 BP0 4 Mbit None X 0 0 0 None Upper 1/8 X 0 0 1 70000H-7FFFFH Upper 1/4 X 0 1 0 60000H-7FFFFH Upper 1/2 X 0 1 1 40000H-7FFFFH All Blocks X 1 0 0 00000H-7FFFFH All Blocks X 1 0 1 00000H-7FFFFH All Blocks X 1 1 0 00000H-7FFFFH All Blocks X 1 1 1 00000H-7FFFFH |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |