Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25PF040B Datasheet(PDF) 1 Page - Microchip Technology

Part # SST25PF040B
Description  4 Mbit 2.3-3.6V SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040B Datasheet(HTML) 1 Page - Microchip Technology

  SST25PF040B Datasheet HTML 1Page - Microchip Technology SST25PF040B Datasheet HTML 2Page - Microchip Technology SST25PF040B Datasheet HTML 3Page - Microchip Technology SST25PF040B Datasheet HTML 4Page - Microchip Technology SST25PF040B Datasheet HTML 5Page - Microchip Technology SST25PF040B Datasheet HTML 6Page - Microchip Technology SST25PF040B Datasheet HTML 7Page - Microchip Technology SST25PF040B Datasheet HTML 8Page - Microchip Technology SST25PF040B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
 2014 Microchip Technology Inc.
DS20005134B-page 1
Features
• Single Voltage Read and Write Operations
- 2.3–3.6V
• Serial Interface Architecture
- SPI Compatible: Mode 0 and Mode 3
• High Speed Clock Frequency
- 80 MHz (2.7-3.6V operation)
- 50 MHz (2.3-2.7V operation)
• Superior Reliability
- Endurance: 100,000 Cycles (typical)
- Greater than 100 years Data Retention
• Low Power Consumption:
- Active Read Current: 10 mA (typical)
- Standby Current: 5 μA (typical)
• Flexible Erase Capability
- Uniform 4 KByte sectors
- Uniform 32 KByte overlay blocks
- Uniform 64 KByte overlay blocks
• Fast Erase and Byte-Program:
- Chip-Erase Time: 35 ms (typical)
- Sector-/Block-Erase Time: 18 ms (typical)
- Byte-Program Time: 7 μs (typical)
• Auto Address Increment (AAI) Programming
- Decrease total chip programming time over
Byte-Program operations
• End-of-Write Detection
- Software polling the BUSY bit in Status Register
- Busy Status readout on SO pin in AAI Mode
• Hold Pin (HOLD#)
- Suspends a serial sequence to the memory
without deselecting the device
• Write Protection (WP#)
- Enables/Disables the Lock-Down function of the
status register
• Software Write Protection
- Write protection through Block-Protection bits in
status register
• Temperature Range
- Commercial: 0°C to +70°C
• Packages Available
- 8-lead SOIC (150 mils)
- 8-lead SOIC (200 mils)
- 8-contact WSON (6mm x 5mm)
• All devices are RoHS compliant
Product Description
The 25 series Serial Flash family features a four-wire,
SPI-compatible interface that allows for a low pin-count
package which occupies less board space and ulti-
mately lowers total system costs. The SST25PF040B
devices are enhanced with improved operating fre-
quency and lower power consumption. SST25PF040B
SPI serial flash memories are manufactured with pro-
prietary, high-performance CMOS SuperFlash technol-
ogy. The split-gate cell design and thick-oxide tunneling
injector attain better reliability and manufacturability
compared with alternate approaches.
The SST25PF040B devices significantly improve per-
formance and reliability, while lowering power con-
sumption. The devices write (Program or Erase) with a
single power supply of 2.3-3.6V for SST25PF040B.
The total energy consumed is a function of the applied
voltage, current, and time of application. Since for any
given voltage range, the SuperFlash technology uses
less current to program and has a shorter erase time,
the total energy consumed during any Erase or Pro-
gram operation is less than alternative flash memory
technologies.
The SST25PF040B device is offered in an 8-lead SOIC
(150 mils), 8-lead SOIC (200 mils), and 8-contact
WSON (6mm x 5mm) packages. See Figure 2-1 for pin
assignments.
SST25PF040B
4 Mbit 2.3-3.6V SPI Serial Flash
Obsolete Device
Please use SST25VF040B


Similar Part No. - SST25PF040B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25PF040C MICROCHIP-SST25PF040C Datasheet
481Kb / 40P
4 Mbit, 3.3V, SPI Serial Flash
07/14/15
SST25PF040C MICROCHIP-SST25PF040C Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
SST25PF040C-40E/MF MICROCHIP-SST25PF040C-40E/MF Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
SST25PF040C-40E/MF18GVAO MICROCHIP-SST25PF040C-40E/MF18GVAO Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
SST25PF040C-40E/SN MICROCHIP-SST25PF040C-40E/SN Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
More results

Similar Description - SST25PF040B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_10 Datasheet
555Kb / 33P
4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25PF020B MICROCHIP-SST25PF020B Datasheet
205Kb / 33P
2 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2014
logo
Dialog Semiconductor
AT25DF041B DIALOG-AT25DF041B Datasheet
490Kb / 4P
4-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
AT25XE041B DIALOG-AT25XE041B Datasheet
421Kb / 3P
4-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
logo
Microchip Technology
SST25PF020B MICROCHIP-SST25PF020B_V01 Datasheet
1Mb / 35P
2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com