Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25PF040B Datasheet(PDF) 8 Page - Microchip Technology

Part # SST25PF040B
Description  4 Mbit 2.3-3.6V SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040B Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST25PF040B Datasheet HTML 4Page - Microchip Technology SST25PF040B Datasheet HTML 5Page - Microchip Technology SST25PF040B Datasheet HTML 6Page - Microchip Technology SST25PF040B Datasheet HTML 7Page - Microchip Technology SST25PF040B Datasheet HTML 8Page - Microchip Technology SST25PF040B Datasheet HTML 9Page - Microchip Technology SST25PF040B Datasheet HTML 10Page - Microchip Technology SST25PF040B Datasheet HTML 11Page - Microchip Technology SST25PF040B Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SST25PF040B
DS20005134B-page 8
 2014 Microchip Technology Inc.
4.4.1
READ (33/25 MHZ)
The Read instruction, 03H, supports up to up to 33
MHz (2.7-3.6V operation) or 25 MHz (2.3-2.7V opera-
tion) Read. The device outputs the data starting from
the specified address location. The data output stream
is continuous through all addresses until terminated by
a low to high transition on CE#. The internal address
pointer will automatically increment until the highest
memory address is reached. Once the highest memory
address is reached, the address pointer will automati-
cally increment to the beginning (wrap-around) of the
address space. Once the data from address location
1FFFFFH has been read, the next output will be from
address location 000000H.
The Read instruction is initiated by executing an 8-bit
command, 03H, followed by address bits [A23-A0]. CE#
must remain active low for the duration of the Read
cycle. See Figure 4-3 for the Read sequence.
FIGURE 4-3:
READ SEQUENCE
4.4.2
HIGH-SPEED-READ (80/50 MHZ)
The High-Speed-Read instruction, supporting up to 80
MHz (2.7-3.6V operation) or 50 MHz (2.3-2.7V opera-
tion) Read, is initiated by executing an 8-bit command,
0BH, followed by address bits [A23-A0] and a dummy
byte. CE# must remain active low for the duration of the
High-Speed-Read cycle. See Figure 4-4 for the High-
Speed-Read sequence.
Following a dummy cycle, the High-Speed-Read
instruction outputs the data starting from the specified
address location. The data output stream is continuous
through all addresses until terminated by a low to high
transition on CE#. The internal address pointer will
automatically increment until the highest memory
address is reached. Once the highest memory address
is reached, the address pointer will automatically incre-
ment to the beginning (wrap-around) of the address
space. Once the data from address location 7FFFFH
has been read, the next output will be from address
location 00000H.
FIGURE 4-4:
HIGH-SPEED-READ SEQUENCE
25134 ReadSeq.0
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
03
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
70
47
48
55 56
63 64
N+2
N+3
N+4
N
N+1
DOUT
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
25134 HSRdSeq.0
CE#
SO
SI
SCK
ADD.
012 34 5
6 7 8
ADD.
ADD.
0B
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com