Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2244II-AEZG Datasheet(PDF) 22 Page - Microchip Technology

Part # USB2244II-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2244II-AEZG Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB2244II-AEZG Datasheet HTML 18Page - Microchip Technology USB2244II-AEZG Datasheet HTML 19Page - Microchip Technology USB2244II-AEZG Datasheet HTML 20Page - Microchip Technology USB2244II-AEZG Datasheet HTML 21Page - Microchip Technology USB2244II-AEZG Datasheet HTML 22Page - Microchip Technology USB2244II-AEZG Datasheet HTML 23Page - Microchip Technology USB2244II-AEZG Datasheet HTML 24Page - Microchip Technology USB2244II-AEZG Datasheet HTML 25Page - Microchip Technology USB2244II-AEZG Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
USB224X
DS00001979A-page 22
 2010 - 2015 Microchip Technology Inc.
7.2.3.15
5Fh: USB Product String Descriptor Type
7.2.3.16
60h-99h: USB Product String Option
7.2.3.17
9Ah: USB BmAttribute (1 byte)
7.2.3.18
9Bh: USB MaxPower (1 byte)
Byte
Name
Description
1
USB_PRD_STR
_TYP
USB product string descriptor type as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the “bDescriptorType”
which is a constant value associated with a string descriptor type.
Byte
Name
Description
59:2
USB_PRD_STR
This string will be used during the USB enumeration process in the Windows®
operating system. Maximum string length is 29 characters.
Bit
Name
Description
7:0
USB_BM_ATT
Self- or Bus-Power: Selects between self- and bus-powered operation.
The hub is either self-powered (draws less than 2 mA of upstream bus power)
or bus-powered (limited to a 100 mA maximum of upstream power prior to
being configured by the host controller).
When configured as a bus-powered device, the Microchip device consumes
less than 100 mA of current prior to being configured. After configuration, the
bus-powered Microchip device (along with all associated device circuitry, any
embedded devices if part of a compound device, and 100 mA per externally
available downstream port) must consume no more than 500 mA of upstream
VBUS current. The current consumption is system dependent, and the OEM
must ensure that the USB 2.0 Specification is not violated.
When configured as a self-powered device, <1 mA of upstream VBUS current
is consumed and all ports are available, with each port being capable of
sourcing 500 mA of current.
80 = Bus-powered operation (default)
C0 = Self-powered operation
A0 = Bus-powered operation with remote wake-up
E0 = Self-powered operation with remote wake-up
Bit
Name
Description
7:0
USB_MAX_PWR
USB Max Power per the USB 2.0 Specification. Do NOT set this value greater
than 100 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com