Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2244II-AEZG Datasheet(PDF) 32 Page - Microchip Technology

Part # USB2244II-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2244II-AEZG Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB2244II-AEZG Datasheet HTML 28Page - Microchip Technology USB2244II-AEZG Datasheet HTML 29Page - Microchip Technology USB2244II-AEZG Datasheet HTML 30Page - Microchip Technology USB2244II-AEZG Datasheet HTML 31Page - Microchip Technology USB2244II-AEZG Datasheet HTML 32Page - Microchip Technology USB2244II-AEZG Datasheet HTML 33Page - Microchip Technology USB2244II-AEZG Datasheet HTML 34Page - Microchip Technology USB2244II-AEZG Datasheet HTML 35Page - Microchip Technology USB2244II-AEZG Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
USB224X
DS00001979A-page 32
 2010 - 2015 Microchip Technology Inc.
9.2
Operating Conditions
Note 9-3
A 3.3 V regulator with an output tolerance of 1% must be used if the output of the internal power
FETs must support a 5% tolerance.
9.3
DC Electrical Characteristics
Parameter
Symbol
MIN
MAX
Units
Comments
Commercial Part
Industrial Part
TA
TA
0
-40
70
85
°C
°C
Operating Temperature
Ambient temperature in still air.
3.3 V supply voltage
VDD33
3.0
3.6
V
(Note 9-3)
3.3 V supply rise time
tRT
0
400
μs
Voltage on
USB+ and USB- pins
-0.3
5.5
V
If any 3.3 V supply voltage drops
below 3.0 V, then the MAX
becomes:
(3.3 V supply voltage) + 0.5
≤ 5.5
Voltage on any signal
pin
-0.3
VDD33
V
Voltage on XTAL1
-0.3
VDD33
V
Voltage on XTAL2
-0.3
VDD18
V
Parameter
Symbol
MIN
TYP
MAX
Units
Comments
I, IPU, IPD Type Input Buffer
Low Input Level
High Input Level
Pull Down
Pull Up
VILI
VIHI
PD
PU
2.0
72
58
0.8
V
V
μA
μA
TTL Levels
IS Type Input Buffer
Low Input Level
High Input Level
Hysteresis
VILI
VIHI
VHYSI
2.0
420
0.8
V
V
mV
TTL Levels
ICLK Input Buffer
Low Input Level
High Input Level
Input Leakage
VILCK
VIHCK
IIL
1.4
-10
0.5
+10
V
V
μA
VIN = 0 to VDD33
Input Leakage
(All I and IS buffers)
Low Input Leakage
High Input Leakage
IIL
IIH
-10
-10
+10
+10
μA
μA
VIN = 0
VIN = VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com