Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2244II-AEZG Datasheet(PDF) 20 Page - Microchip Technology

Part # USB2244II-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2244II-AEZG Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB2244II-AEZG Datasheet HTML 16Page - Microchip Technology USB2244II-AEZG Datasheet HTML 17Page - Microchip Technology USB2244II-AEZG Datasheet HTML 18Page - Microchip Technology USB2244II-AEZG Datasheet HTML 19Page - Microchip Technology USB2244II-AEZG Datasheet HTML 20Page - Microchip Technology USB2244II-AEZG Datasheet HTML 21Page - Microchip Technology USB2244II-AEZG Datasheet HTML 22Page - Microchip Technology USB2244II-AEZG Datasheet HTML 23Page - Microchip Technology USB2244II-AEZG Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
USB224X
DS00001979A-page 20
 2010 - 2015 Microchip Technology Inc.
Note 7-1
This value is a UNICODE UTF-16LE encoded string value that meets the USB 2.0 specification
(Revision 2.0, 2000). Values in double quotations without this note are ASCII values.
Note 7-2
For a list of the most current 16-bit language ID’s defined by the USB-IF, please visit
http://www.unicode.org or consult The Unicode Standard, Worldwide Character Encoding, (Version
4.0), The Unicode Consortium, Addison-Wesley Publishing Company, Reading, Massachusetts.
Note 7-3
The “SM” value will be overridden with “xD” once an xD-Picture Card has been identified.
7.2.3
EEPROM DATA DESCRIPTOR REGISTER DESCRIPTIONS
7.2.3.1
00h: USB Serial String Descriptor Length
7.2.3.2
01h: USB Serial String Descriptor Type
7.2.3.3
02h-19h: USB Serial Number Option
7.2.3.4
1Ah-1Bh: USB Vendor ID Option
7.2.3.5
1Ch-1Dh: USB Product ID Option
7.2.3.6
1Eh: USB Language Identifier Descriptor Length
DEh-FBh
Not Applicable
-
00h
FCh-FFh
NVSTORE_SIG
Non-Volatile Storage Signature
“ATA2”
Byte
Name
Description
0
USB_SER_LEN
USB serial string descriptor length as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the “bLength” which
describes the size of the string descriptor (in bytes).
Byte
Name
Description
1
USB_SER_TYP
USB serial string descriptor type as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the “bDescriptorType”
which is a constant value associated with a string descriptor type.
Byte
Name
Description
25:2
USB_SER_NUM
Maximum string length is 12 hex digits. Must be unique to each device.
Byte
Name
Description
1:0
USB_VID
This ID is unique for every vendor. The vendor ID is assigned by the USB
Implementer’s Forum.
Byte
Name
Description
1:0
USB_PID
This ID is unique for every product. The product ID is assigned by the vendor.
Byte
Name
Description
0
USB_LANG_LEN
USB language ID string descriptor length as defined by Section 9.6.7 “String”
of the USB 2.0 Specification (Revision 2.0, 2000). This field is the “bLength”
which describes the size of the string descriptor (in bytes).
TABLE 7-1:
INTERNAL FLASH MEDIA CONTROLLER CONFIGURATIONS (CONTINUED)
Address
Register Name
Description
Internal Default Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com