Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC363 Datasheet(PDF) 5 Page - Micross Components

Part # HMC363
Description  Wide Bandwidth
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC363 Datasheet(HTML) 5 Page - Micross Components

  HMC363 Datasheet HTML 1Page - Micross Components HMC363 Datasheet HTML 2Page - Micross Components HMC363 Datasheet HTML 3Page - Micross Components HMC363 Datasheet HTML 4Page - Micross Components HMC363 Datasheet HTML 5Page - Micross Components HMC363 Datasheet HTML 6Page - Micross Components HMC363 Datasheet HTML 7Page - Micross Components HMC363 Datasheet HTML 8Page - Micross Components HMC363 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1
1 - 15
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
-30
-20
-10
0
10
20
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
INPUT FREQUENCY (GHz)
SSB Phase Noise
Performance, Pin= 0 dBm, T= 25 °C
Input Sensitivity Window, T= 25 °C
Input Sensitivity Window vs. Temperature
Output Power vs. Temperature
Reverse Leakage, Pin= 0 dBm, T= 25 °C
Output Harmonic
Content, Pin= 0 dBm, T= 25 °C
Recommended
Operating Window
-30
-20
-10
0
10
20
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
Min Pin +25 C
Max Pin +25 C
Min Pin +85 C
Max Pin +85 C
Min Pin -55 C
Max Pin -55 C
INPUT FREQUENCY (GHz)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
03
69
12
15
+25 C
+85 C
-55 C
INPUT FREQUENCY (GHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
-60
-50
-40
-30
-20
-10
0
03
69
12
15
Pfeedthru
2nd Harmonic
3rd Harmonic
INPUT FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
03
69
12
15
Both Output Ports Terminated
One Output Port Terminated
INPUT FREQUENCY (GHz)
HMC363
v04.0109
GaAs HBT MMIC
DIVIDE-BY-8, DC - 12 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com