Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC363 Datasheet(PDF) 6 Page - Micross Components

Part # HMC363
Description  Wide Bandwidth
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC363 Datasheet(HTML) 6 Page - Micross Components

  HMC363 Datasheet HTML 1Page - Micross Components HMC363 Datasheet HTML 2Page - Micross Components HMC363 Datasheet HTML 3Page - Micross Components HMC363 Datasheet HTML 4Page - Micross Components HMC363 Datasheet HTML 5Page - Micross Components HMC363 Datasheet HTML 6Page - Micross Components HMC363 Datasheet HTML 7Page - Micross Components HMC363 Datasheet HTML 8Page - Micross Components HMC363 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1
1 - 16
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output Voltage Waveform,
Pin= 0 dBm, Fout= 882 MHz, T= 25 °C
Absolute Maximum Ratings
Outline Drawing
Typical Supply Current vs. Vcc
Note: Divider will operate over full voltage range shown above
NOTE:
1. ALL DIMENSIONS IN INCHES (MILLIMETERS)
2. ALL TOLERANCES ARE ±0.001 (0.025)
3. DIE THICKNESS IS 0.004 (0.100) BACKSIDE IS GROUND
4. BOND PADS ARE 0.004 (0.100) SQAURE
5. BOND PAD SPACING, CTR-CTR: 0.006 (0.150)
6. BACKSIDE METALLIZATION: GOLD
7. BOND PAD METALLIZATION: GOLD
Vcc (V)
Icc (mA)
4.75
64
5.0
70
5.25
75
RF Input (Vcc = +5V)
+13 dBm
Vcc
+5.5V
VLogic
Vcc -1.6V to Vcc -1.2V
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Die Packaging Information [1]
Standard
Alternate
WP-8 (Waffle Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
-300
-200
-100
0
100
200
300
22.7
23.1
23.5
23.9
24.3
24.7
TIME (nS)
HMC363
v04.0109
GaAs HBT MMIC
DIVIDE-BY-8, DC - 12 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com