Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC363 Datasheet(PDF) 8 Page - Micross Components

Part # HMC363
Description  Wide Bandwidth
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC363 Datasheet(HTML) 8 Page - Micross Components

  HMC363 Datasheet HTML 1Page - Micross Components HMC363 Datasheet HTML 2Page - Micross Components HMC363 Datasheet HTML 3Page - Micross Components HMC363 Datasheet HTML 4Page - Micross Components HMC363 Datasheet HTML 5Page - Micross Components HMC363 Datasheet HTML 6Page - Micross Components HMC363 Datasheet HTML 7Page - Micross Components HMC363 Datasheet HTML 8Page - Micross Components HMC363 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
1
1 - 18
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Assembly Diagram
AC coupling capacitors.
To +5V Vcc Supply
(Bypassed via 10 uF Capacitor).
AC coupling capacitors.
Optional AC coupled
differential input. Should
be AC grounded for
single ended operation.
Optional AC coupled
differential output. For best
single ended reverse leakage
performance, this port should
be terminated into 50 ohm.
This port should be grounded
for normal operation. Applying
+5V to this port will disable the
input buffer amplifier.
This port should be grounded
for normal operation. Applying
+5V to this port will power
down the device.
For high power output, this
port should be bonded to
ground. For low power output,
this port should be floating.
Function
Pin
5V
GND
Float
DISABLE
10
Output Off
Output On
X
PWR
DWN
9
Power
Down
Power Up
X
PWR
SEL
8X
High
Power Output
Low
Power
Output
X = State not permitted.
HMC363
v04.0109
GaAs HBT MMIC
DIVIDE-BY-8, DC - 12 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com