Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9117 Datasheet(PDF) 74 Page - Microchip Technology

Part # LAN9117
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 Datasheet(HTML) 74 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 70Page - Microchip Technology LAN9117 Datasheet HTML 71Page - Microchip Technology LAN9117 Datasheet HTML 72Page - Microchip Technology LAN9117 Datasheet HTML 73Page - Microchip Technology LAN9117 Datasheet HTML 74Page - Microchip Technology LAN9117 Datasheet HTML 75Page - Microchip Technology LAN9117 Datasheet HTML 76Page - Microchip Technology LAN9117 Datasheet HTML 77Page - Microchip Technology LAN9117 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
LAN9117
DS00002267A-page 74
 2005-2016 Microchip Technology Inc.
5.3.16
GPT_CNT-GENERAL PURPOSE TIMER CURRENT COUNT REGISTER
This register reflects the current value of the GP Timer.
5.3.17
WORD_SWAP—WORD SWAP CONTROL
This register controls how words from the host data bus are mapped to the CRSs and Data FIFOs inside the LAN9117.
The LAN9117 always sends data from the Transmit Data FIFO to the network so that the low order word is sent first,
and always receives data from the network to the Receive Data FIFO so that the low order word is received first.
5.3.18
FREE_RUN—FREE-RUN 25MHZ COUNTER
This register reflects the value of the free-running 25MHz counter.
Offset:
90h
Size:
32 bits
Bits
Description
Type
Default
31-16
Reserved
RO
-
15-0
General Purpose Timer Current Count (GPT_CNT). This 16-bit field
reflects the current value of the GP Timer.
RO
FFFFh
Offset:
98h
Size:
32 bits
Bits
Description
Type
Default
31:0
Word Swap. If this field is set to 00000000h, or anything except
FFFFFFFFh, the LAN9117 maps words with address bit A[1]=1 to the high
order words of the CSRs and Data FIFOs, and words with address bit A[1]=0
to the low order words of the CSRs and Data FIFOs. If this field is set to
FFFFFFFFh, the LAN9117 maps words with address bit A[1]=1 to the low
order words of the CSRs and Data FIFOs, and words with address bit A[1]=0
to the high order words of the CSRs and Data FIFOs.
R/W
NASR
00000000h
Offset:
9Ch
Size:
32 bits
Bits
Description
Type
Default
31:0
Free Running SCLK Counter (FR_CNT):
Note:
This field reflects the value of a free-running 32-bit counter. At
reset the counter starts at zero and is incremented for every
25MHz cycle. When the maximum count has been reached the
counter will rollover. Since the bus interface is 16-bits wide, and
this is a 32-bit counter, the count value is latched on the first read.
• The FREE_RUN counter can take up to 160nS to clear after a reset
event.
• This counter will run regardless of the power management states D0, D1
or D2.
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com