Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9117 Datasheet(PDF) 9 Page - Microchip Technology

Part # LAN9117
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 Datasheet(HTML) 9 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 5Page - Microchip Technology LAN9117 Datasheet HTML 6Page - Microchip Technology LAN9117 Datasheet HTML 7Page - Microchip Technology LAN9117 Datasheet HTML 8Page - Microchip Technology LAN9117 Datasheet HTML 9Page - Microchip Technology LAN9117 Datasheet HTML 10Page - Microchip Technology LAN9117 Datasheet HTML 11Page - Microchip Technology LAN9117 Datasheet HTML 12Page - Microchip Technology LAN9117 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002267A-page 9
LAN9117
TABLE 2-1:
HOST BUS INTERFACE SIGNALS
Pin No.
Name
Symbol
Buffer
Type
# Pins
Description
43-46,49-
53,56-59,62-
64
Host Data
D[15:0]
I/O8
16
Bi-directional data port.
12-18
Host Address
A[7:1]
IS
7
7-bit Address Port. Used to select
Internal CSR’s and TX and RX FIFOs.
92
Read Strobe
nRD
IS
1
Active low strobe to indicate a read
cycle.
93
Write Strobe
nWR
IS
1
Active low strobe to indicate a write
cycle. This signal, qualified with nCS, is
also used to wakeup the LAN9117 when
it is in a reduced power state.
94
Chip Select
nCS
IS
1
Active low signal used to qualify read
and write operations. This signal
qualified with nWR is also used to
wakeup the LAN9117 when it is in a
reduced power state.
72
Interrupt
Request
IRQ
O8/OD8
1
Programmable Interrupt request.
Programmable polarity, source and
buffer types.
76
FIFO Select
FIFO_SEL
IS
1
When driven high all accesses to the
LAN9117 are to the RX or TX Data
FIFOs. In this mode, the A[7:3] upper
address inputs are ignored.
TABLE 2-2:
DEFAULT ETHERNET SETTINGS
Default Ethernet Settings
SPEED_SEL
Speed
Duplex
Auto Neg.
0
10MBPS
HALF-DUPLEX
DISABLED
1
100MBPS
HALF-DUPLEX
ENABLED
TABLE 2-3:
LAN INTERFACE SIGNALS
Pin No.
Name
Symbol
Buffer
Type
# Pins
Description
79
TXP
TPO+
AO
1
Twisted Pair Transmit Output, Positive
78
TXN
TPO-
AO
1
Twisted Pair Transmit Output, Negative
83
RXP
TPI+
AI
1
Twisted Pair Receive Input, Positive
82
RXN
TPI-
AI
1
Twisted Pair Receive Input, Negative
87
PHY External Bias
Resistor
EXRES1
AI
1
Must be connected to ground through a
12.4K ohm 1% resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com