Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9117 Datasheet(PDF) 104 Page - Microchip Technology

Part # LAN9117
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 Datasheet(HTML) 104 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 100Page - Microchip Technology LAN9117 Datasheet HTML 101Page - Microchip Technology LAN9117 Datasheet HTML 102Page - Microchip Technology LAN9117 Datasheet HTML 103Page - Microchip Technology LAN9117 Datasheet HTML 104Page - Microchip Technology LAN9117 Datasheet HTML 105Page - Microchip Technology LAN9117 Datasheet HTML 106Page - Microchip Technology LAN9117 Datasheet HTML 107Page - Microchip Technology LAN9117 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 114 page
background image
LAN9117
DS00002267A-page 104
 2005-2016 Microchip Technology Inc.
6.9
EEPROM Timing
The following specifies the EEPROM timing requirements for the LAN9117.
FIGURE 6-9:
EEPROM TIMING
TABLE 6-9:
EEPROM TIMING VALUES
Symbol
Description
MIN
TYP
MAX
Units
tCKCYC
EECLK Cycle time
1110
1130
ns
tCKH
EECLK High time
550
570
ns
tCKL
EECLK Low time
550
570
ns
tCSHCKH
EECS high before rising edge of EECLK
1070
ns
tCKLCSL
EECLK falling edge to EECS low
30
ns
tDVCKH
EEDIO valid before rising edge of EECLK
(OUTPUT)
550
ns
tCKHDIS
EEDIO disable after rising edge EECLK
(OUTPUT)
550
ns
tDSCKH
EEDIO setup to rising edge of EECLK (INPUT)
90
ns
tDHCKH
EEDIO hold after rising edge of EECLK (INPUT)
0
ns
tCKLDIS
EECLK low to data disable (OUTPUT)
580
ns
tCSHDV
EEDIO valid after EECS high (VERIFY)
600
ns
tDHCSL
EEDIO hold after EECS low (VERIFY)
0
ns
tCSL
EECS low
1070
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com