Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP79402-I/ST Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP79402-I/ST
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402-I/ST Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP79402-I/ST Datasheet HTML 14Page - Microchip Technology MCP79402-I/ST Datasheet HTML 15Page - Microchip Technology MCP79402-I/ST Datasheet HTML 16Page - Microchip Technology MCP79402-I/ST Datasheet HTML 17Page - Microchip Technology MCP79402-I/ST Datasheet HTML 18Page - Microchip Technology MCP79402-I/ST Datasheet HTML 19Page - Microchip Technology MCP79402-I/ST Datasheet HTML 20Page - Microchip Technology MCP79402-I/ST Datasheet HTML 21Page - Microchip Technology MCP79402-I/ST Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
MCP79400/MCP79401/MCP79402
DS20005009F-page 18
 2011-2016 Microchip Technology Inc.
REGISTER 5-4:
RTCWKDAY: TIMEKEEPING WEEKDAY VALUE REGISTER (ADDRESS 0x03)
U-0
U-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
—
—
OSCRUN
PWRFAIL
VBATEN
WKDAY2
WKDAY1
WKDAY0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7-6
Unimplemented:
Read as ‘0’
bit 5
OSCRUN:
Oscillator Status bit
1
= Oscillator is enabled and running
0
= Oscillator has stopped or has been disabled
bit 4
PWRFAIL:
Power Failure Status bit(1,2)
1
= Primary power was lost and the power-fail time-stamp registers have been loaded (must be
cleared in software). Clearing this bit resets the power-fail time-stamp registers to ‘0’.
0
= Primary power has not been lost
bit 3
VBATEN:
External Battery Backup Supply (VBAT) Enable bit
1
= VBAT input is enabled
0
= VBAT input is disabled
bit 2-0
WKDAY<2:0>:
Binary-Coded Decimal Value of Day of Week
Contains a value from 1 to 7. The representation is user-defined.
Note 1:
The PWRFAIL bit must be cleared to log new time-stamp data. This is to ensure previous time-stamp data
is not lost.
2:
The PWRFAIL bit cannot be written to a ‘1’ in software. Writing to the RTCWKDAY register will always
clear the PWRFAIL bit.
REGISTER 5-5:
RTCDATE: TIMEKEEPING DATE VALUE REGISTER (ADDRESS 0x04)
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
—
—
DATETEN1
DATETEN0 DATEONE3
DATEONE2
DATEONE1 DATEONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7-6
Unimplemented:
Read as ‘0’
bit 5-4
DATETEN<1:0>:
Binary-Coded Decimal Value of Date’s Tens Digit
Contains a value from 0 to 3
bit 3-0
DATEONE<3:0>:
Binary-Coded Decimal Value of Date’s Ones Digit
Contains a value from 0 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com