Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP79402-I/ST Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP79402-I/ST
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402-I/ST Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP79402-I/ST Datasheet HTML 15Page - Microchip Technology MCP79402-I/ST Datasheet HTML 16Page - Microchip Technology MCP79402-I/ST Datasheet HTML 17Page - Microchip Technology MCP79402-I/ST Datasheet HTML 18Page - Microchip Technology MCP79402-I/ST Datasheet HTML 19Page - Microchip Technology MCP79402-I/ST Datasheet HTML 20Page - Microchip Technology MCP79402-I/ST Datasheet HTML 21Page - Microchip Technology MCP79402-I/ST Datasheet HTML 22Page - Microchip Technology MCP79402-I/ST Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
 2011-2016 Microchip Technology Inc.
DS20005009F-page 19
MCP79400/MCP79401/MCP79402
TABLE 5-4:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMEKEEPING
REGISTER 5-6:
RTCMTH: TIMEKEEPING MONTH VALUE REGISTER (ADDRESS 0x05)
U-0
U-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
—
—
LPYR
MTHTEN0
MTHONE3
MTHONE2
MTHONE1
MTHONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7-6
Unimplemented:
Read as ‘0’
bit 5
LPYR:
Leap Year bit
1
= Year is a leap year
0
= Year is not a leap year
bit 4
MTHTEN0:
Binary-Coded Decimal Value of Month’s Tens Digit
Contains a value of 0 or 1
bit 3-0
MTHONE<3:0>:
Binary-Coded Decimal Value of Month’s Ones Digit
Contains a value from 0 to 9
REGISTER 5-7:
RTCYEAR: TIMEKEEPING YEAR VALUE REGISTER (ADDRESS 0x06)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
YRTEN3
YRTEN2
YRTEN1
YRTEN0
YRONE3
YRONE2
YRONE1
YRONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7-4
YRTEN<3:0>:
Binary-Coded Decimal Value of Year’s Tens Digit
Contains a value from 0 to 9
bit 3-0
YRONE<3:0>:
Binary-Coded Decimal Value of Year’s Ones Digit
Contains a value from 0 to 9
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
RTCSEC
ST
SECTEN2
SECTEN1
SECTEN0
SECONE3
SECONE2
SECONE1
SECONE0
16
RTCMIN
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
16
RTCHOUR
—
12/24
AM/PM
HRTEN1
HRTEN0
HRONE3
HRONE2
HRONE1
HRONE0
17
RTCWKDAY
—
—
OSCRUN
PWRFAIL
VBATEN
WKDAY2
WKDAY1
WKDAY0
18
RTCDATE
—
—
DATETEN1 DATETEN0 DATEONE3 DATEONE2 DATEONE1 DATEONE0
18
RTCMTH
—
—
LPYR
MTHTEN0
MTHONE3
MTHONE2
MTHONE1
MTHONE0
19
RTCYEAR
YRTEN3
YRTEN2
YRTEN1
YRTEN0
YRONE3
YRONE2
YRONE1
YRONE0
19
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used in timekeeping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com