Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5410 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF5410
Description  LTE MMMB PA Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5410 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF5410 Datasheet HTML 9Page - RF Micro Devices RF5410 Datasheet HTML 10Page - RF Micro Devices RF5410 Datasheet HTML 11Page - RF Micro Devices RF5410 Datasheet HTML 12Page - RF Micro Devices RF5410 Datasheet HTML 13Page - RF Micro Devices RF5410 Datasheet HTML 14Page - RF Micro Devices RF5410 Datasheet HTML 15Page - RF Micro Devices RF5410 Datasheet HTML 16Page - RF Micro Devices RF5410 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20160809
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
RFMD + TriQuint = Qorvo
13 of 33
Parameter
Specification
Unit
Condition
Min
Typ
Max
HB: Band 7
FDD LTE
Nominal test conditions unless otherwise stated.
All unused ports terminated in 50Ω.
TA=+25°C; VBATT=3.8V; VCC=3.4V;Mode=HPM.
Modulation: QPSK, 10MHz BW, 12 RB
Frequency
2500
2570
MHz
Band 7
Maximum Linear Output Power
27.5
dBm
HPM; VCC = 3.4V
13.5
dBm
LPM; VCC = 1.15V
0
dBm
LPM; VCC = 0.7V
Gain
25.5
27.5
dB
HPM; Pout = 27.5dBm; VCC = 3.4V
23
dB
LPM; Pout = 13.5dBm; VCC = 1.15V
18.5
dB
LPM; Pout = 0dBm; VCC = 0.7V
PA Current
550
mA
HPM; Pout = 27.5dBm; VCC = 3.4V
120
mA
LPM; Pout = 13.5dBm; VCC = 1.15V
35
mA
LPM; Pout = 0dBm; VCC = 0.7V
PA Efficiency (PAE)
29
%
HPM; Pout = 27.5dBm; VCC = 3.4V
ACLR- E-UTRA
-40
-33
dBc
HPM; Pout = 27.5dBm; VCC = 3.4V
-43
-33
dBc
LPM; Pout = 13.5dBm; VCC = 1.15V
ACLR1 -UTRA
-40
-36
dBc
HPM; Pout = 27.5dBm; VCC = 3.4V
-44
-36
dBc
LPM; Pout = 13.5dBm; VCC = 1.15V
ACLR2 -UTRA
-62
-39
dBc
HPM; Pout = 27.5dBm; VCC = 3.4V
-60
-39
dBc
LPM; Pout = 13.5dBm; VCC = 1.15V
EVM
2.0
%
Pout ≤ Pmax
Noise Power
Band 7 RX
-138
dBm/Hz
HPM; Pout = 27.5dBm; VCC = 3.4V
2620MHz to 2690MHz
GPS
-156
dBm/Hz
HPM; Pout = 27.5dBm; VCC = 3.4V
1574MHz to 1577MHz
ISM Band
-123
dBm/Hz
HPM; Pout = 27.5dBm; VCC = 3.4V
2400MHz to 2452MHz
Modulation: 20MHz,100RB
-121
dBm/Hz
HPM; Pout = 27.5dBm; VCC = 3.4V
2452MHz to 2484MHz
Modulation: 20MHz,100RB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com