Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5410 Datasheet(PDF) 19 Page - RF Micro Devices

Part # RF5410
Description  LTE MMMB PA Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5410 Datasheet(HTML) 19 Page - RF Micro Devices

Back Button RF5410 Datasheet HTML 15Page - RF Micro Devices RF5410 Datasheet HTML 16Page - RF Micro Devices RF5410 Datasheet HTML 17Page - RF Micro Devices RF5410 Datasheet HTML 18Page - RF Micro Devices RF5410 Datasheet HTML 19Page - RF Micro Devices RF5410 Datasheet HTML 20Page - RF Micro Devices RF5410 Datasheet HTML 21Page - RF Micro Devices RF5410 Datasheet HTML 22Page - RF Micro Devices RF5410 Datasheet HTML 23Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20160809
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
RFMD + TriQuint = Qorvo
19 of 33
Parameter
Specification
Unit
Condition
Min
Typ
Max
MB: Band 34, 39
HB: Band 40
TD-SCDMA
Nominal test conditions unless otherwise stated.
All unused ports terminated in 50Ω.
TA=+25°C; VBATT=3.8V; VCC=3.4V; Mode=HPM.
Modulation: TD-SCDMA
Frequency
2010
2025
MHz
Band 34
1880
1920
MHz
Band 39
2300
2400
MHz
Band 40
Maximum Output Power
28
dBm
HPM, VCC = 3.4V
13.5
dBm
LPM, VCC = 1.15V
0
dBm
LPM, VCC = 0.7V
Gain
26.5
28.5
dB
HPM, POUT = 28dBm; VCC = 3.4V
24
dB
LPM, POUT = 13.5dBm; VCC = 1.15V
18.5
dB
LPM, POUT = 0dBm; VCC = 1.15V
PA Current
550
mA
HPM, POUT = 28dBm; VCC = 3.4V
125
mA
LPM, POUT = 13.5dBm; VCC = 1.15V
35
mA
LPM, POUT = 0dBm; VCC = 0.7V
PA Efficiency (PAE)
34
%
HPM, POUT = 28dBm; VCC = 3.4V
ACLR 1
-45
-38
dBc
HPM, POUT = 28dBm; VCC = 3.4V
-45
-38
dBc
LPM, POUT = 13.5dBm; VCC = 1.15V
ACLR 2
-62
-48
dBc
HPM, POUT = 28dBm; VCC = 3.4V
-62
-48
dBc
LPM, POUT = 13.5dBm; VCC = 1.15V
EVM
2
%
Pout ≤ Pmax
Noise Power
Band 40
-144
dBm/Hz
HPM, POUT = 28dBm; VCC = 3.4V
2300MHz to 2400MHz
GPS
-142
dBm/Hz
HPM, POUT = 28dBm; VCC = 3.4V
1574MHz to 1577MHz,
ISM Band
-145
dBm/Hz
HPM, POUT = 28dBm; VCC = 3.4V
2400MHz to 2484MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com