Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5410 Datasheet(PDF) 21 Page - RF Micro Devices

Part # RF5410
Description  LTE MMMB PA Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5410 Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RF5410 Datasheet HTML 17Page - RF Micro Devices RF5410 Datasheet HTML 18Page - RF Micro Devices RF5410 Datasheet HTML 19Page - RF Micro Devices RF5410 Datasheet HTML 20Page - RF Micro Devices RF5410 Datasheet HTML 21Page - RF Micro Devices RF5410 Datasheet HTML 22Page - RF Micro Devices RF5410 Datasheet HTML 23Page - RF Micro Devices RF5410 Datasheet HTML 24Page - RF Micro Devices RF5410 Datasheet HTML 25Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20160809
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
RFMD + TriQuint = Qorvo
21 of 33
Parameter
Specification
Unit
Condition
Min
Typ
Max
HB: Band 7, 40, 41
HB Switch Specification
Nominal test conditions unless otherwise stated.
All unused ports terminated in 50Ω. T
A=+25°C
Frequency
2300
2690
MHz
B7, B40, B41
Insertion Loss, IL
0.6
1.1
dB
HB1
– HBRX2
0.6
1.1
dB
HB2
– HBRX2
0.6
1.1
dB
HB3
– HBRX1
0.6
1.1
dB
HB4
– HBRX2
Isolation
28
30.5
dB
LB1
– LB2
30
35.0
dB
LB1
– LB3
30
32.5
dB
LB2
– LB3
30
35.5
dB
MB1
– MB2
27
29.0
dB
MB1
– MB3
30
32.0
dB
MB2
– MB3
30
34.0
dB
HB1
– HB2
30
37.5
dB
HB1
– HB3
30
34.0
dB
HB1
– HB4
30
37.0
dB
HB1
– B34_39
30
42.0
dB
HB1
– HBRX1
30
43.0
dB
HB1
– HBRX2
30
37.5
dB
HB2
– HB3
28
30.0
dB
HB2
– HB4
30
50.0
dB
HB2
– B34_39
30
37.0
dB
HB2
– HBRX1
30
42.5
dB
HB2
– HBRX2
27
29.5
dB
HB3
– HB4
30
62.0
dB
HB3
– B34_39
30
39.0
dB
HB3
– HBRX1
30
35.5
dB
HB3
– HBRX2
30
68.0
dB
HB4
– B34_39
27
29.5
dB
HB4
– HBRX1
30
36.0
dB
HB4
– HBRX2
23
25.0
dB
HBRX1
– HBRX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com