Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1002-2 Datasheet(PDF) 32 Page - SMSC Corporation

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

UCS1002-2 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button UCS1002-2 Datasheet HTML 28Page - SMSC Corporation UCS1002-2 Datasheet HTML 29Page - SMSC Corporation UCS1002-2 Datasheet HTML 30Page - SMSC Corporation UCS1002-2 Datasheet HTML 31Page - SMSC Corporation UCS1002-2 Datasheet HTML 32Page - SMSC Corporation UCS1002-2 Datasheet HTML 33Page - SMSC Corporation UCS1002-2 Datasheet HTML 34Page - SMSC Corporation UCS1002-2 Datasheet HTML 35Page - SMSC Corporation UCS1002-2 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
32
SMSC UCS1002
DATASHEET
4.2.4.1
Block Write
The Block Write is used to write multiple data bytes to a group of contiguous registers as shown in
Table 4.8.
APPLICATION NOTE: When using the Block Write protocol, the internal address pointer will be automatically
incremented after every data byte is received. It will wrap from FFh to 00h.
4.2.4.2
Block Read
The Block Read is used to read multiple data bytes from a group of contiguous registers as shown in
Table 4.9.
APPLICATION NOTE: When using the Block Read protocol, the internal address pointer will be automatically
incremented after every data byte is received. It will wrap from FFh to 00h.
4.3
Stand-alone Operating Mode
Stand-alone mode allows the UCS1002 to operate without active SMBus / I2C communications. Stand-
alone mode can be enabled by connecting a pull-down resistor greater or equal to 47 k
Ω on the
COMM_SEL / ILIM pin as shown in Table 4.1, "UCS1002 Communication Mode and ILIM Selection".
When the device is configured to operate in Stand-alone mode, the fault handling and Attach Detection
controls are determined via the LATCH and S0 pins as shown in Table 4.10.
APPLICATION NOTE: If it is necessary to connect the S0 or LATCH pins to VDD via a pull-up resistor, the pull-up
resistor value should be 100 k
Ω in order to guarantee VIH specification. Likewise, if it is
necessary to connect the S0 or LATCH pins to GND via a pull-down resistor, the pull-down
resistor value should be 100 k
Ω in order to guarantee VIL specification.
Table 4.8 Block Write Protocol
START
CLIENT
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
REGISTER
DATA
ACK
1 ->0
YYYY_YYY
0
0
XXh
0
XXh
0
REGISTER
DATA
ACK
REGISTER
DATA
ACK
. . .
REGISTER
DATA
ACK
STOP
XXh
0
XXh
0
. . .
XXh
0
0 -> 1
Table 4.9 Block Read Protocol
START
CLIENT
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
START
CLIENT
ADDRESS
RD
ACK
REGISTER
DATA
1->0
YYYY_YYY
00
XXh
0
1 ->0
YYYY_YYY
1
0
XXh
ACK
REGISTER
DATA
ACK
REGISTER
DATA
ACK
REGISTER
DATA
ACK
. . .
REGISTER
DATA
NACK
STOP
0
XXh
0
XXh
0
XXh
0
. . .
XXh
1
0 -> 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com