Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1002-2 Datasheet(PDF) 34 Page - SMSC Corporation

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

UCS1002-2 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button UCS1002-2 Datasheet HTML 30Page - SMSC Corporation UCS1002-2 Datasheet HTML 31Page - SMSC Corporation UCS1002-2 Datasheet HTML 32Page - SMSC Corporation UCS1002-2 Datasheet HTML 33Page - SMSC Corporation UCS1002-2 Datasheet HTML 34Page - SMSC Corporation UCS1002-2 Datasheet HTML 35Page - SMSC Corporation UCS1002-2 Datasheet HTML 36Page - SMSC Corporation UCS1002-2 Datasheet HTML 37Page - SMSC Corporation UCS1002-2 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
34
SMSC UCS1002
DATASHEET
Chapter 5 General Description
The UCS1002 provides a single USB port power switch for precise control of up to 2.5 amperes
continuous current with over-current limit (OCL), dynamic thermal management, latch or auto-recovery
fault handling, selectable active low or high enable, under- and over-voltage lockout, and back-voltage
protection.
Split supply support for VBUS and VDD is an option for low power in system standby states.
In addition to power switching and current limiting, the UCS1002 provides automatic and configurable
charger emulation profiles to charge a wide variety of portable devices, including USB-IF BC1.2 (CDP
or DCP modes), YD/T-1591 (2009), most Apple and RIM portable devices, and many others.
The UCS1002 also provides current monitoring to allow intelligent management of system power and
charge rationing for controlled delivery of current regardless of the host power state. This is especially
important for battery operated applications that want to provide power and do not want to excessively
drain the battery, or that require power allocation depending on application activities.
Figure 5.1 shows a UCS1002 full-featured system configuration in which the UCS1002 provides a port
power switch and low power Attach Detection with wake-up signaling (wake on USB). The current limit
is established at power-up. It can be lowered if required after power-up via the SMBus / I2C. This
configuration also provides configurable USB data line charger emulation, programmable current
limiting (as determined by the accepted charger emulation profile), active current monitoring, and port
charge rationing.
Figure 5.1 UCS1002 Full-Featured System Configuration (SMBus Control)
UCS1002
ALERT#
3 V – 5.5 V
Device
DPOUT
DMOUT
5 V
VBUS1
VBUS2
VS1
VS2
A_DET#
5 V Host
CBUS
USB Host
3 V – 5.5 V
EC
CIN
VDD
DPIN
DMIN
VDD
EM_EN
M1
M2
PWR_EN
SMDATA
SMCLK
SEL
COMM_SEL / ILIM
GND
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com