Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1002-2 Datasheet(PDF) 74 Page - SMSC Corporation

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

UCS1002-2 Datasheet(HTML) 74 Page - SMSC Corporation

Back Button UCS1002-2 Datasheet HTML 70Page - SMSC Corporation UCS1002-2 Datasheet HTML 71Page - SMSC Corporation UCS1002-2 Datasheet HTML 72Page - SMSC Corporation UCS1002-2 Datasheet HTML 73Page - SMSC Corporation UCS1002-2 Datasheet HTML 74Page - SMSC Corporation UCS1002-2 Datasheet HTML 75Page - SMSC Corporation UCS1002-2 Datasheet HTML 76Page - SMSC Corporation UCS1002-2 Datasheet HTML 77Page - SMSC Corporation UCS1002-2 Datasheet HTML 78Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
74
SMSC UCS1002
DATASHEET
that the Legacy charger emulation profiles and the BC1.2 DCP charger emulation profile do not use
Stimulus / Response Pair #3.
10.3.2
Interrupt Status - 10h
Bit 7 - ERR - Indicates that an error was detected and the device has entered the Error state. Writing
this bit to a ‘0’ will clear the Error state and allows the device to be returned to the Active state. When
written to ‘0’ all error conditions are checked. If all error conditions have been removed, the UCS1002
returns to the Active state. This bit is set automatically by the UCS1002 when the Error state is entered.
Regardless of the fault handling mechanism used, if any other bit is set in the Interrupt Status register
(10h), the device will not leave the Error state.
This bit is cleared automatically by the UCS1002 if the Auto-recovery fault handling functionality is
active and no error conditions are detected. Likewise, this bit is cleared when the PWR_EN control is
disabled.
‘0’ (default) - There are no errors detected.
‘1’ - One or more errors have been detected, and the UCS1002 has entered the Error state.
APPLICATION NOTE: If the Auto-recovery fault handling is not used, the ERR bit must be written to a logic '0' to
be cleared. It will also be cleared when the PWR_EN control is disabled.
APPLICATION NOTE: Note that the ERR bit does not necessarily reflect the ALERT# pin status. The ALERT# pin
may be cleared or asserted without the ERR bit changing states.
Bit 6 - DISCHARGE_ERR - Indicates that the UCS1002 was unable to discharge the VBUS node. This
bit will be cleared when read if the error condition has been removed or if the ERR bit is cleared. This
bit will cause the ALERT# pin to be asserted and the device to enter the Error state.
Bit 5 - RESET - Indicates that the UCS1002 has just been reset and should be re-programmed. This
bit will be set at power up. This bit is cleared when read or when the PWR_EN control is toggled.The
ALERT# pin is not asserted when this bit is set. This data is retained in the Sleep state.
Bit 4 - MIN_KEEP_OUT - Indicates that the V-I output on the VBUS pins has dropped below VBUS_MIN.
This bit will be cleared when read if the error condition has been removed or if the ERR bit is cleared.
This bit will cause the ALERT# pin to be asserted and the device to enter the Error state.
Bit 3 - TSD - Indicates that the internal temperature has exceeded TTSD threshold and the device has
entered the Error state. This bit will be cleared when read if the error condition has been removed or
if the ERR bit is cleared. This bit will cause the ALERT# pin to be asserted and the device to enter
the Error state.
Table 10.5 EM_STEP Bit Decode
EM_STEP[1:0]
STIMULUS / RESPONSE #
10
00
None applied /
Waiting for Current
01
#1
10
#2
1
1
#3 if applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com