Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB422IYFPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422IYFPR
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422IYFPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB422IYFPR Datasheet HTML 23Page - Texas Instruments TUSB422IYFPR Datasheet HTML 24Page - Texas Instruments TUSB422IYFPR Datasheet HTML 25Page - Texas Instruments TUSB422IYFPR Datasheet HTML 26Page - Texas Instruments TUSB422IYFPR Datasheet HTML 27Page - Texas Instruments TUSB422IYFPR Datasheet HTML 28Page - Texas Instruments TUSB422IYFPR Datasheet HTML 29Page - Texas Instruments TUSB422IYFPR Datasheet HTML 30Page - Texas Instruments TUSB422IYFPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
27
TUSB422
www.ti.com
SLLSEW6 – NOVEMBER 2016
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.14 Alert Byte 0 Register (address = 0x10) [reset = 0x00]
This register is used to indicate a status change event. When a status change event occurs and its
corresponding Alert mask is unmasked, the TUSB422 will assert the INT_N low. The INT_N remains asserted
until all events are cleared by write of 1’b1. Once all events are cleared or corresponding Alert mask is masked,
the INT_N will be de-asserted high.
Figure 22. Alert Byte 0 Register
7
6
5
4
3
2
1
0
VBUS_ALARM
_HI
TX_SOP_SUC
CESS
TX_SOP_DISC
ARD
TX_SOP_FAIL
RX_HARD_RE
SET
RX_SOP_STA
TUS
CC_STATUS
CC_STATUS
RCU
RCU
RCU
RCU
RCU
RCU
RCU
RCU
LEGEND: R/W = Read/Write; R = Read only
Table 19. Alert Byte 0 Register Descriptions
Bit
Field
Type
Reset
Description
7
VBUS_ALARM_HI
RCU
0
VBUS Voltage Alarm Hi.
0b: Cleared
1b: A high-voltage alarm has occurred
6
TX_SOP_SUCCESS
RCU
0
Transmit SOP* Message Successful
0b: Cleared
1b: Reset or SOP* message transmission successful. GoodCRC
response received on SOP* message transmission. Transmit
SOP* message buffer registers are empty.
5
TX_SOP_DISCARD
RCU
0
Transmit SOP* Message Discarded
0b: Cleared
1b: Reset or SOP* message transmission not sent due to
incoming receive message. Transmit SOP* message buffer
registers are empty.
4
TX_SOP_FAIL
RCU
0
Transmit SOP* Message Failed
0b: Cleared
1b: SOP* message transmission not successful, no GoodCRC
response received on SOP* message transmission. Transmit
SOP* message buffer registers are empty.
3
RX_HARD_RESET
RCU
0
Received Hard Reset.
0b: Cleared.
1b: Received Hard Reset message
2
RX_SOP_STATUS
RCU
0
Receive SOP* Message Status.
Note RECEIVE_BYTE_COUNT being zero does not set this bit.
0b: Cleared.
1b: Receive buffer register changed.
1
PWR_STATUS
RCU
0
Power Status
0b: Cleared.
1b: Power Status Changed
0
CC_STATUS
RCU
0
CC Status.
0b: Cleared
1b: CC status changed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com