Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB422IYFPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422IYFPR
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422IYFPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB422IYFPR Datasheet HTML 2Page - Texas Instruments TUSB422IYFPR Datasheet HTML 3Page - Texas Instruments TUSB422IYFPR Datasheet HTML 4Page - Texas Instruments TUSB422IYFPR Datasheet HTML 5Page - Texas Instruments TUSB422IYFPR Datasheet HTML 6Page - Texas Instruments TUSB422IYFPR Datasheet HTML 7Page - Texas Instruments TUSB422IYFPR Datasheet HTML 8Page - Texas Instruments TUSB422IYFPR Datasheet HTML 9Page - Texas Instruments TUSB422IYFPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
6
TUSB422
SLLSEW6 – NOVEMBER 2016
www.ti.com
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTH(DFP_CC_MED)
Voltage threshold for detecting a UFP attach
when TUSB422 is advertising medium
current (1.5A) source capability.
1.51
1.6
1.64
V
VTH(DFP_CC_HIGH)
Voltage threshold for detecting a UFP attach
when TUSB422 is advertising high current
(3.0A) source capability.
2.46
2.6
2.74
V
VTH(AC_CC_USB)
Voltage threshold for detecting a active
cable attach when advertising default current
0.15
0.2
0.25
V
VTH(AC_CC_MED)
Voltage threshold for detecting a active
cable attach when advertising medium
current
0.35
0.4
0.45
V
VTH(AC_CC_HIGH)
Voltage threshold for detecting a active
cable attach when advertising high current.
0.76
0.8
0.84
V
ICC(DEFAULT_P)
Default mode pull-up current source when
advertising default current.
64
80
96
µA
ICC(MED_P)
Medium (1.5A) mode pull-up current source
when advertising medium current.
166
180
194
µA
ICC(HIGH_P)
High (3.0A) mode pull-up current source
when advertising high current.
VDD > 3 V
304
330
356
µA
RTX(PD)
Output impedance of CC1/CC2 during TX
when operating in PD mode and driving the
CC line.
At 750 KHz
33
48
75
Ω
RTX(FRS_PD)
Fast Role Swap request transmit driver
resistance (excluding cable resistance)
5
Ω
VOH(PD)
Transmit high voltage when operating in PD
mode
1.05
1.125
1.2
V
VOL(PD)
Transmit low voltage when operating in PD
mode.
0.07
V
RRX(PD)
Receiver input impedance. Does Not include
pull-up or pulldown resistance from cable
detect.
TX is Hi-Z
1
MΩ
VRX(FRS_PD)
Fast role swap request voltage detection
threshold
0.49
0.52
0.55
V
VIH(PD_SRC)
Input high voltage when sourcing power.
Selected when POWER_ROLE = 1.
0.8925
1.5325
V
VIH(PD_SNK)
Input high voltage when sinking power.
Selected when POWER_ROLE = 0.
0.6425
1.5325
V
VIL(PD_SRC)
Input low voltage when sourcing power.
Selected when POWER_ROLE = 1.
–0.3325
0.4825
V
VIL(PD_SNK)
Input low voltage when sinking power.
Selected when POWER_ROLE = 0.
–0.3325
0.2325
V
CRX(SHUNT)
External shunt capacitance on both CC1 and
CC2.
200
450
pF
Control Pins: INT_N
I(INTN_LEAK)
INT_N leakage
VDD = 0 V; 0 < INT_N < 3.3 V
–1
1
µA
VOL
Low-level signal output voltage
IOL = –2 mA
0.4
V
I2C (SDA and SCL). VDD must be above 3V to operate at 3.3V I2C levels
VIH(I2C)
High-level input signal voltage
1.2
V
VIL(I2C)
Low-level input signal voltage
0.4
V
VOL(I2C)
Low-level signal output voltage (open-drain)
0.4
V
IOL(I2C)
Low level output current
6
mA
I(I2C_LKG)
Leakage through SDA and SCL pins
VDD = 0 V; pin pulled up to 3.6 V
–1
1
µA
C(I2C)
Capacitance for SDA and SCL pins
10
pF
C(I2C_FM+_BUS)
I2C bus capacitance for FM+ (1MHz)
150
pF
C(I2C_FM_BUS)
I2C bus capacitance for FM (400KHz)
150
pF
R(EXT_I2C_FM+)
External resistors on both SDA and SCL
when operating at FM+ (1MHz)
C(I2C_FM+_BUS) = 150pF
620
820
910
Ω
R(EXT_I2C_FM)
External resistors on both SDA and SCL
when operating at FM (400KHz)
C(I2C_FM_BUS) = 150pF
620
1500
2200
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com