Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB422IYFPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422IYFPR
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422IYFPR Datasheet(HTML) 1 Page - Texas Instruments

  TUSB422IYFPR Datasheet HTML 1Page - Texas Instruments TUSB422IYFPR Datasheet HTML 2Page - Texas Instruments TUSB422IYFPR Datasheet HTML 3Page - Texas Instruments TUSB422IYFPR Datasheet HTML 4Page - Texas Instruments TUSB422IYFPR Datasheet HTML 5Page - Texas Instruments TUSB422IYFPR Datasheet HTML 6Page - Texas Instruments TUSB422IYFPR Datasheet HTML 7Page - Texas Instruments TUSB422IYFPR Datasheet HTML 8Page - Texas Instruments TUSB422IYFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
TUSB422
USB Typ-C
Port Controller
APU
USB Type-C
Port Manager
USB Type-C
Type-C
Channel
Configuration
VDD
CC1
CC2
USB PD Phy
VCONN
Switch
VCONN
I2C
Slave
TCPC
Config
Control
VBUS
Detection &
Discharge
SDA
SCL
GND
VBUS_DET
INT
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB422
SLLSEW6 – NOVEMBER 2016
TUSB422 USB Type-C™ Port Control with Power Delivery
1
1 Features
1
•
Supports USB Type-C™ 1.2 and Power Delivery
(PD) Specifications
•
USB PD Phy with I2C Interface (TCPCi)
Supporting:
–
5 — 24 V Power Sourcing and Sinking
–
2.5 Watt VCONN switch
–
Alt Mode Negotiations
•
Optimized for Portable Applications with
Autonomous Dual Role Port (DRP) Support
•
Software Configurable as Dedicated Host,
Dedicated Device, or Dual-Role
–
DFP, UFP and DRP
–
Attach/Detach of USB port
–
Cable Orientation Detection
–
Current Mode Advertisement and Detection
–
Debug and Audio Accessory Support
–
Active Cable Detection
–
VCONN for Active Cable
•
Dead Battery Support
•
Integrated over-temperature sensing diode
(OTSD)
•
VBUS Detect and Discharge Control
•
VDD Supply Voltage: 2.7 V — 5.5 V
•
Low Current Consumption
•
Industrial Temperature Range of –40°C to 85°C
2 Applications
•
Smartphones
•
Tablets, Notebooks, Desktops
•
Wall Charger, Power Banks
3 Description
TUSB422 is a USB PD PHY that enables a USB
Type-C port with the Configuration Channel (CC)
logic
needed
for
USB
Type-C
ecosystems.
It
integrates the physical layer of the USB BMC power
delivery (PD) protocol to allow up to 100-W of power
and
support
for
alternate
mode
interfaces.
An
external microprocessor, containing USB Type-C Port
Manager (TCPM), communicates with the TUSB422
through an I2C interface.
Under control of the TCPM, TUSB422 uses the CC
pins
to
determine
port
attach/detach,
cable
orientation, role detection, and port control for USB
Type-C
current
mode.
The
TUSB422
can
be
configured as DFP, UFP, or DRP, depending on the
application.
The
TUSB422
implements
VBUS
detection and discharge for the implementation of a
compliant USB Type-C port.
The TUSB422 integrates 2.5 Watt switch to provide
VCONN power for an active cable. The device also
provides VCONN discharge function. The TUSB422
also supports USB Type-C optional features such as
audio and debug accessory.
The device operates over a wide supply-range and
has low power consumption. The TUSB422 is
available in industrial temperature ranges.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB422
WCSP (9)
1.335mm x 1.380mm at
0.4mm pitch
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACER
Simplified Schematic
USB Type-C Smartphone


Similar Part No. - TUSB422IYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4020BI TI1-TUSB4020BI Datasheet
1Mb / 45P
TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI TI1-TUSB4020BI Datasheet
1Mb / 45P
TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI TI-TUSB4020BI Datasheet
1Mb / 46P
TUSB4020BI Two-Port USB 2.0 Hub
JULY 2024
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
TUSB4020BI-Q1 TI-TUSB4020BI-Q1 Datasheet
1Mb / 46P
TUSB4020BI Two-Port USB 2.0 Hub
JULY 2024
More results

Similar Description - TUSB422IYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25741 TI1-TPS25741 Datasheet
788Kb / 10P
USB Type-C and USB Power Delivery Host Port Controllers
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
logo
Texas Instruments
TPS25741 TI1-TPS25741_17 Datasheet
2Mb / 68P
USB Type-C and USB Power Delivery Host Port Controllers
logo
Cypress Semiconductor
CCG1 CYPRESS-CCG1 Datasheet
552Kb / 31P
USB Type-C Port Controller with Power Delivery
logo
Rohm
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BD93E30GWL ROHM-BD93E30GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
logo
Silicon Mitus, Inc.
SM5517 SILICONMITUS-SM5517 Datasheet
646Kb / 2P
USB TYPE-C Controller with Power Delivery
May 2019 Rev. 0.0.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com