Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3488MM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3488MM
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3488MM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM3488MM Datasheet HTML 11Page - National Semiconductor (TI) LM3488MM Datasheet HTML 12Page - National Semiconductor (TI) LM3488MM Datasheet HTML 13Page - National Semiconductor (TI) LM3488MM Datasheet HTML 14Page - National Semiconductor (TI) LM3488MM Datasheet HTML 15Page - National Semiconductor (TI) LM3488MM Datasheet HTML 16Page - National Semiconductor (TI) LM3488MM Datasheet HTML 17Page - National Semiconductor (TI) LM3488MM Datasheet HTML 18Page - National Semiconductor (TI) LM3488MM Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Functional Description (Continued)
SHORT-CIRCUIT PROTECTION
When the voltage across the sense resistor (measured on
I
SEN Pin) exceeds 350mV, short-circuit current limit gets
activated. A comparator inside LM3488 reduces the switch-
ing frequency by a factor of 5 and maintains this condition till
the short is removed.
Typical Applications
The LM3488 may be operated in either continuous or dis-
continuous conduction mode. The following applications are
designed for continuous conduction operation. This mode of
operation has higher efficiency and lower EMI characteristics
than the discontinuous mode.
BOOST CONVERTER
The most common topology for LM3488 is the boost or
step-up topology. The boost converter converts a low input
voltage into a higher output voltage. The basic configuration
for a boost regulator is shown in Figure 10. In continuous
conduction mode (when the inductor current never reaches
zero at steady state), the boost regulator operates in two
cycles. In the first cycle of operation, MOSFET Q is turned
on and energy is stored in the inductor. During this cycle,
diode D is reverse biased and load current is supplied by the
output capacitor, C
OUT.
In the second cycle, MOSFET Q is off and the diode is
forward biased. The energy stored in the inductor is trans-
ferred to the load and output capacitor. The ratio of these two
cycles determines the output voltage. The output voltage is
defined as:
(ignoring the drop across the MOSFET and the diode), or
where D is the duty cycle of the switch, V
D is the forward
voltage drop of the diode, and V
Q is the drop across the
MOSFET when it is on. The following sections describe
selection of components for a boost converter.
10138817
FIGURE 9. Shutdown Operation in Synchronization Mode
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com