Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3488MM Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3488MM
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3488MM Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3488MM Datasheet HTML 13Page - National Semiconductor (TI) LM3488MM Datasheet HTML 14Page - National Semiconductor (TI) LM3488MM Datasheet HTML 15Page - National Semiconductor (TI) LM3488MM Datasheet HTML 16Page - National Semiconductor (TI) LM3488MM Datasheet HTML 17Page - National Semiconductor (TI) LM3488MM Datasheet HTML 18Page - National Semiconductor (TI) LM3488MM Datasheet HTML 19Page - National Semiconductor (TI) LM3488MM Datasheet HTML 20Page - National Semiconductor (TI) LM3488MM Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Typical Applications (Continued)
The important quantities in determining a proper inductance
value are I
L (the average inductor current) and
∆i
L (the
inductor current ripple). If
∆i
L is larger than IL, the inductor
current will drop to zero for a portion of the cycle and the
converter will operate in discontinuous conduction mode. If
∆i
L is smaller than IL, the inductor current will stay above
zero and the converter will operate in continuous conduction
mode. All the analysis in this datasheet assumes operation
in continuous conduction mode. To operate in continuous
conduction mode, the following conditions must be met:
I
L >
∆i
L
Choose the minimum I
OUT to determine the minimum L. A
common choice is to set
∆i
L to 30% of IL. Choosing an
appropriate core size for the inductor involves calculating the
average and peak currents expected through the inductor. In
a boost converter,
and I
L_peak =IL(max) +
∆i
L(max),
where
A core size with ratings higher than these values should be
chosen. If the core is not properly rated, saturation will
dramatically reduce overall efficiency.
The LM3488 can be set to switch at very high frequencies.
When the switching frequency is high, the converter can be
operated with very small inductor values. With a small induc-
tor value, the peak inductor current can be extremely higher
than the output currents, especially under light load condi-
tions.
The LM3488 senses the peak current through the switch.
The peak current through the switch is the same as the peak
current calculated above.
PROGRAMMING THE OUTPUT VOLTAGE AND OUTPUT
CURRENT
The output voltage can be programmed using a resistor
divider between the output and the feedback pins, as shown
in Figure 12. The resistors are selected such that the voltage
at the feedback pin is 1.26V. R
F1 and RF2 can be selected
using the equation,
A 100pF capacitor may be connected between the feedback
and ground pins to reduce noise.
The maximum amount of current that can be delivered at the
output can be controlled by the sense resistor, R
SEN. Current
limit occurs when the voltage that is generated across the
sense resistor equals the current sense threshold voltage,
V
SENSE. Limits for VSENSE have been specified in the elec-
trical characteristics. This can be expressed as:
I
sw(peak) * RSEN =VSENSE
V
SENSE represents the maximum value of the control signal
as shown in Figure 2. This control signal, however, is not a
constant value and changes over the course of a period as a
result of the internal compensation ramp (see Figure 3).
Therefore the current limit will also change as a result of the
internal compensation ramp. The actual command signal,
V
CS, can be better expressed as a function of the sense
voltage and the internal compensation ramp:
V
CS =VSENSE −(D * VSL)
V
SL is defined as the internal compensation ramp voltage,
limits are specified in the electrical characteristics.
The peak current through the switch is equal to the peak
inductor current.
I
sw(peak) =IL +
∆i
L
Therefore for a boost converter
Combining the three equation yields an expression for R
SEN
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com