Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3488MM Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3488MM
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3488MM Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM3488MM Datasheet HTML 16Page - National Semiconductor (TI) LM3488MM Datasheet HTML 17Page - National Semiconductor (TI) LM3488MM Datasheet HTML 18Page - National Semiconductor (TI) LM3488MM Datasheet HTML 19Page - National Semiconductor (TI) LM3488MM Datasheet HTML 20Page - National Semiconductor (TI) LM3488MM Datasheet HTML 21Page - National Semiconductor (TI) LM3488MM Datasheet HTML 22Page - National Semiconductor (TI) LM3488MM Datasheet HTML 23Page - National Semiconductor (TI) LM3488MM Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Designing SEPIC Using LM3488
(Continued)
The duty cycle of a SEPIC is given by:
In the above equation, V
Q is the on-state voltage of the
MOSFET, Q, and V
DIODE is the forward voltage drop of the
diode.
POWER MOSFET SELECTION
As in boost converter, the parameters governing the selec-
tion of the MOSFET are the minimum threshold voltage,
V
TH(MIN), the on-resistance, RDS(ON), the total gate charge,
Q
g, the reverse transfer capacitance, CRSS, and the maxi-
mum drain to source voltage, V
DS(MAX). The peak switch
voltage in a SEPIC is given by:
V
SW(PEAK) =VIN +VOUT +VDIODE
The selected MOSFET should satisfy the condition:
V
DS(MAX) > VSW(PEAK)
The peak switch current is given by:
The rms current through the switch is given by:
POWER DIODE SELECTION
The Power diode must be selected to handle the peak
current and the peak reverse voltage. In a SEPIC, the diode
peak current is the same as the switch peak current. The
off-state voltage or peak reverse voltage of the diode is V
IN
+V
OUT. Similar to the boost converter, the average diode
current is equal to the output current. Schottky diodes are
recommended.
SELECTION OF INDUCTORS L1 AND L2
Proper selection of the inductors L1 and L2 to maintain
constant current mode requires calculations of the following
parameters.
Average current in the inductors:
I
L2AVE =IOUT
Peak to peak ripple current, to calculate core loss if neces-
sary:
maintains the condition I
L >
∆i
L to ensure constant current
mode.
10138844
FIGURE 14. Typical SEPIC Converter
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com