Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25PF040C Datasheet(PDF) 9 Page - Microchip Technology

Part # SST25PF040C
Description  4 Mbit, 3.3V, SPI Serial Flash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST25PF040C Datasheet HTML 5Page - Microchip Technology SST25PF040C Datasheet HTML 6Page - Microchip Technology SST25PF040C Datasheet HTML 7Page - Microchip Technology SST25PF040C Datasheet HTML 8Page - Microchip Technology SST25PF040C Datasheet HTML 9Page - Microchip Technology SST25PF040C Datasheet HTML 10Page - Microchip Technology SST25PF040C Datasheet HTML 11Page - Microchip Technology SST25PF040C Datasheet HTML 12Page - Microchip Technology SST25PF040C Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
 2015 Microchip Technology Inc.
DS20005397B-page 9
SST25PF040C
5.0
INSTRUCTIONS
Instructions are used to read, write (Erase and Pro-
gram), and configure the SST25PF040C devices. The
instruction bus cycles are 8 bits each for commands
(Op Code), data, and addresses. The Write-Enable
(WREN) instruction must be executed prior to Sector-
Erase, Block-Erase, Page-Program, Write-Status-Reg-
ister, or Chip-Erase instructions. The complete instruc-
tions are provided in Table 5-1. All instructions are
synchronized off a high-to-low transition of CE#. Inputs
will be accepted on the rising edge of SCK starting with
the most significant bit. CE# must be driven low before
an instruction is entered and must be driven high after
the last bit of the instruction has been shifted in (except
for Read, Read-ID, and Read-Status-Register instruc-
tions). Any low-to-high transition on CE#, before receiv-
ing the last bit of an instruction bus cycle, will terminate
the instruction in progress and return the device to
standby mode. Instruction commands (Op Code),
addresses, and data are all input from the most signifi-
cant bit (MSB) first.
TABLE 5-1:
DEVICE OPERATION INSTRUCTIONS
Instruction
Description
Op Code Cycle1
1. One bus cycle is eight clock periods.
Address
Cycle(s)2
2. Address bits above the most significant bit of each density can be VIL or VIH.
Dummy
Cycle(s)
Data
Cycle(s)
Maximum
Frequency
Read
Read Memory
0000 0011b (03H)
3
0
1 to
25 MHz
High-Speed Read
Read Memory at Higher
Speed
0000 1011b (0BH)
3
1
1 to
40 MHz
Fast-Read Dual-
Output
Read Memory with Dual Out-
put
0011 1011b (3BH)
3
13
3. One bus cycle is four clock periods in Dual Operation
1 to
3
Fast-Read Dual I/O Read Memory with Dual
Address Input and Data Output
1011 1011b (BBH)
33
13
1 to
3
4 KByte Sector-
Erase4
4. 4 KByte Sector-Erase addresses: use AMS-A12, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 4 KByte of memory array 0010 0000b (20H)
1101 0111b (D7H)
30
0
64 KByte Block-
Erase5
5. 64 KByte Block-Erase addresses: use AMS-A16, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 64 KByte block
of memory array
1101 1000b (D8H)
3
0
0
Chip-Erase
Erase Full Memory Array
0110 0000b (60H)
or
1100 0111b (C7H)
00
0
Page-Program
To program up to 256 Bytes
0000 0010b (02H)
3
0
1 to 256
RDSR6
6. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#.
Read-Status-Register
0000 0101b (05H)
0
0
1 to
WRSR
Write-Status-Register
0000 0001b (01H)
0
0
1
WREN
Write-Enable
0000 0110b (06H)
0
0
0
WRDI
Write-Disable
0000 0100b (04H)
0
0
0
RDID7, 8
7. Device ID is read after three dummy address bytes. The Device ID output stream is continuous until terminated by a low-to-
high transition on CE#.
8. The instructions Release from Deep Power down and Read-ID are similar instructions (ABH). Executing Read-ID requires
the ABH instruction, followed by 24 dummy address bits to retrieve the Device ID. Release from Deep Power-Down only
requires the instruction ABH.
Read-ID
1010 1011b (ABH)
3
0
1 to
JEDEC-ID
JEDEC ID Read
1001 1111b (9FH)
0
0
4 to
DPD
Deep Power-Down Mode
1011 1001b (B9H)
0
0
0
RDPD8
Release from Deep Power-
Down or Read ID
1010 1011b (ABH)
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com