Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25PF040C Datasheet(PDF) 18 Page - Microchip Technology

Part # SST25PF040C
Description  4 Mbit, 3.3V, SPI Serial Flash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 18 Page - Microchip Technology

Back Button SST25PF040C Datasheet HTML 14Page - Microchip Technology SST25PF040C Datasheet HTML 15Page - Microchip Technology SST25PF040C Datasheet HTML 16Page - Microchip Technology SST25PF040C Datasheet HTML 17Page - Microchip Technology SST25PF040C Datasheet HTML 18Page - Microchip Technology SST25PF040C Datasheet HTML 19Page - Microchip Technology SST25PF040C Datasheet HTML 20Page - Microchip Technology SST25PF040C Datasheet HTML 21Page - Microchip Technology SST25PF040C Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
SST25PF040C
DS20005397B-page 18
 2015 Microchip Technology Inc.
5.13
Power-Down
The Deep Power-Down (DPD) instruction puts the
device in the lowest power consumption mode – the
Deep Power-Down mode. This instruction is ignored if
the device is busy with an internal write operation.
While the device is in DPD mode, all instructions are
ignored except for the Release Deep Power-Down
instruction or Read ID.
To initiate deep power-down, input the Deep Power-
Down instruction (B9H) while driving CE# low. CE#
must be driven high before executing the DPD instruc-
tion. After driving CE# high, the device requires a delay
of TDPD before the standby current ISB is reduced to the
deep power-down current IDPD. See Figure 5-13 for the
DPD instruction sequence.
Exit the power-down state using the Release from
Deep Power-Down or Read ID instruction. CE# must
be driven low before sending the Release from Deep
Power-Down command cycle (ABH), and then driving
CE# high. The device will return to Standby mode and
be ready for the next instruction after TSBR. See Figure
5-14. for the Release from Deep Power-Down
sequence.
FIGURE 5-13:
DEEP POWER-DOWN SEQUENCE
FIGURE 5-14:
RELEASE FROM DEEP POWER-DOWN SEQUENCE
CE#
SO
SI
SCK
01 2 3 4 5 6 7
B9
HIGH IMPEDANCE
MODE 0
MODE 3
20005397 F46.1
MSB
TDPD
CE#
SO
SI
SCK
01 2 3 4 5 6 7
AB
HIGH IMPEDANCE
MODE 0
MODE 3
20005397 F47.1
MSB
TSBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com