Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25PF040C Datasheet(PDF) 1 Page - Microchip Technology

Part # SST25PF040C
Description  4 Mbit, 3.3V, SPI Serial Flash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 1 Page - Microchip Technology

  SST25PF040C Datasheet HTML 1Page - Microchip Technology SST25PF040C Datasheet HTML 2Page - Microchip Technology SST25PF040C Datasheet HTML 3Page - Microchip Technology SST25PF040C Datasheet HTML 4Page - Microchip Technology SST25PF040C Datasheet HTML 5Page - Microchip Technology SST25PF040C Datasheet HTML 6Page - Microchip Technology SST25PF040C Datasheet HTML 7Page - Microchip Technology SST25PF040C Datasheet HTML 8Page - Microchip Technology SST25PF040C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2015 Microchip Technology Inc.
DS20005397B-page 1
Features
• Single Voltage Read and Write Operations
- 2.3-3.6V
• Serial Interface Architecture
- SPI Compatible: Mode 0 and Mode 3
• High Speed Clock Frequency
-40MHz
• Dual Input/Output Support
- Fast-Read Dual-Output Instruction (3BH)
- Fast-Read Dual I/O Instruction (BBH)
• Superior Reliability
- Endurance: 100,000 Cycles
- Greater than 20 years Data Retention
• Ultra-Low Power Consumption:
- Active Read Current: 5 mA (typical)
- Standby Current: 5 µA (typical)
- Power-down Mode Standby Current: 3 µA (typical)
• Flexible Erase Capability
- Uniform 4 KByte sectors
- Uniform 64 KByte overlay blocks
• Page Program Mode
- 256 Bytes/Page
• Fast Erase and Page-Program:
- Chip-Erase Time: 250 ms (typical)
- Sector-Erase Time: 40 ms (typical)
- Block-Erase Time: 80 ms (typical)
- Page-Program Time: 4 ms/ 256 bytes (typical)
• End-of-Write Detection
- Software polling the BUSY bit in Status Register
• Hold Pin (HOLD#)
- Suspend a serial sequence without deselecting the device
• Write Protection (WP#)
- Enables/Disables the Lock-Down function of the
status register
• Software Write Protection
- Write protection through Block-Protection bits in
status register
• Temperature Range
- Industrial: -40°C to +85°C
• Packages Available
- 8-lead SOIC (150 mils)
- 8-contact WDFN (5mm x 6mm)
• All devices are RoHS compliant
Product Description
SST25PF040C is a member of the Serial Flash 25
Series family and feature a four-wire, SPI-compatible
interface that allows for a low pin-count package which
occupies less board space and ultimately lowers total
system costs. SPI serial flash memory is manufactured
with proprietary, high-performance CMOS SuperFlash
technology. The split-gate cell design and thick-oxide
tunneling injector attain better reliability and manufac-
turability compared with alternate approaches.
This Serial Flash significantly improve performance
and reliability, while lowering power consumption. The
device writes (Program or Erase) with a single power
supply of 2.3-3.6V. The total energy consumed is a
function of the applied voltage, current, and time of
application. Since for any given voltage range, the
SuperFlash technology uses less current to program
and has a shorter erase time, the total energy con-
sumed during any Erase or Program operation is less
than alternative flash memory technologies.
SST25PF040C is offered in 8-lead SOIC and 8-contact
WDFN packages. See Figure 2-1 for the pin assign-
ments.
SST25PF040C
4 Mbit, 3.3V, SPI Serial Flash


Similar Part No. - SST25PF040C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25PF040C MICROCHIP-SST25PF040C Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
SST25PF040C-40E/MF MICROCHIP-SST25PF040C-40E/MF Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
SST25PF040C-40E/MF18GVAO MICROCHIP-SST25PF040C-40E/MF18GVAO Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
SST25PF040C-40E/SN MICROCHIP-SST25PF040C-40E/SN Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
SST25PF040C-40E/SN18GVAO MICROCHIP-SST25PF040C-40E/SN18GVAO Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
More results

Similar Description - SST25PF040C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_10 Datasheet
555Kb / 33P
4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B MICROCHIP-SST25VF040B_11 Datasheet
3Mb / 33P
4 Mbit SPI Serial Flash
2011
SST25VF040B MICROCHIP-SST25VF040B Datasheet
439Kb / 31P
4 Mbit SPI Serial Flash
2015
SST25PF040C MICROCHIP-SST25PF040C_V01 Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
SST25VF040B MICROCHIP-SST25VF040B_V01 Datasheet
1Mb / 31P
4-Mbit SPI Serial Flash
Revision F June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com