Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM329LP Datasheet(PDF) 68 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 68 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 64Page - ELM Electronics ELM329LP Datasheet HTML 65Page - ELM Electronics ELM329LP Datasheet HTML 66Page - ELM Electronics ELM329LP Datasheet HTML 67Page - ELM Electronics ELM329LP Datasheet HTML 68Page - ELM Electronics ELM329LP Datasheet HTML 69Page - ELM Electronics ELM329LP Datasheet HTML 70Page - ELM Electronics ELM329LP Datasheet HTML 71Page - ELM Electronics ELM329LP Datasheet HTML 72Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 87 page
background image
ELM329L
68 of 87
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Programmable Parameter Summary (continued)
PP
Description
Values
Default
Type
24
CAN auto formatting (AT CAF default setting)
D
25
D
CAN filler byte (used to pad out messages)
00
CAN auto flow control (AT CFC default setting)
00
(ON)
00
(ON)
00 to FF
00 = ON
FF = OFF
00 = ON
FF = OFF
26
D
20
Default (Single Wire) Transceiver Mode
M0 - M1 pin setting during normal CAN operation (see page 25)
03
(normal)
00 to 03
D
21
Default CAN Silent Monitoring setting (for AT CSM)
R
FF
(ON)
FF = ON
00 = OFF
22
CAN wakeup message rate (AT SW default setting)
setting = value x 20.48 msec
00 to FF
62
(2.0 sec)
D
00 to 02
D
23
Default Wakeup Mode (AT WM setting)
00
(OFF)
0F
F8
(11111000)
00 to FF
More Power Control options
Each bit of this byte controls an option, as follows:
b7: Auto LP (CAN) control
0: disabled
1: enabled
allows low power mode if the CAN activity stops
b6: Auto LP (CAN) timeout
0: 2 mins
1: 10 mins
no CAN activity timeout setting
b5: Auto LP (CAN) warning
0: disabled
1: enabled
if enabled, says ‘ACT ALERT’ 1 minute before timeout
b4: Active LED
0: off
1: flashes
setting during low power, if there was CAN activity on pin 11
b3: Previous CAN
0: required
1: ignored
wakeup on CAN activity may be set to require that there was
CAN activity prior to going to low power mode
b2: reserved for future - leave set at 0
b1: reserved for future - leave set at 0
b0: Control output
0:normal
1:CAN Monitor
if set to 1, the Control (pin 4) output follows CAN activity
(Control is a high level when there is CAN activity detected)
R
28
FF
(11111111)
00 to FF
D
CAN Filter outputs (controls CAN sends while searching)
The bits of this byte control options, as follows:
b7: 500 kbps match
0: ignored
1: required
b6: 250 kbps match
0: ignored
1: required
b5 to b1: reserved for future - leave set to 1
b0: send if bus is quiet
0: not allowed 1: allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com