Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM329LP Datasheet(PDF) 73 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 73 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 69Page - ELM Electronics ELM329LP Datasheet HTML 70Page - ELM Electronics ELM329LP Datasheet HTML 71Page - ELM Electronics ELM329LP Datasheet HTML 72Page - ELM Electronics ELM329LP Datasheet HTML 73Page - ELM Electronics ELM329LP Datasheet HTML 74Page - ELM Electronics ELM329LP Datasheet HTML 75Page - ELM Electronics ELM329LP Datasheet HTML 76Page - ELM Electronics ELM329LP Datasheet HTML 77Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 87 page
background image
73 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
A very common question that we receive is ‘Can I
connect the ELM329 directly to my own circuit, or must
I use the interface shown?’ Certainly you may connect
directly to our ICs, and you do not need to use an
RS232 or USB interface. There are a few items to
consider, however.
The ELM329 is actually a microprocessor that
contains a standard UART type interface, connected to
the RS232 Tx and Rx pins. The logic type is CMOS,
and the Rx pin has Schmitt trigger waveshaping, so
you should be able to connect directly to these pins
provided that the two devices share the same power
supply (VDD), and that they are not physically more
than about 10 to 20 inches apart (CMOS circuits are
subject to latch-up from induced currents, which may
be a problem if you have long leads).
The normal (idle) levels of the ELM329 transmit
and receive pins are at the VDD (logic high) level. Most
microprocessors and RS232 interface ICs expect that
to be the idle level, but you should verify it for your
microprocessor before connecting to the ELM329. The
connections are straightforward - transmit connects to
receive, and receive connects to transmit, as shown
below. Don’t forget to set both devices to the same
baud rate.
The ELM329 also provides a hand-shaking feature
that may simplify the flow of data for you. The interface
consists of two pins - an input an an output. The input
is called ‘request to send’ (RTS), and it is used to
interrupt the ELM329, just the same as tapping a key
on the keyboard when using a terminal program. The
output pin (‘Busy’) is used by the ELM329 to tell your
system that it is processing data.
To use the handshaking feature, set one of your
microprocessor port pins to normally provide a high
output, and connect it to the RTS input (pin 15). Use
another port pin as an input to monitor the ELM329
Busy output (pin 16). When you want to send a
command, simply check the Busy output first. If it is at
a high logic level, then either wait for it to go low, or if
you need to interrupt the IC, then bring the RTS line
low and wait for the Busy line to go low. (You might
want to consider using an edge triggered interrupt on
the Busy output, if one is available). When Busy does
go low, restore your RTS line to a high level, and then
send your command to the ELM329. No need to worry
about the ELM329 becoming busy again after you
raise the RTS line at this point – once Busy goes low,
the ELM329 will wait (indefinitely) for your command. If
you do not use the RTS input on the ELM329, it must
be connected to a high logic level, as shown. Note that
the default setting for PP 0E turns these hand-shaking
Microprocessor Interfaces
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VDD
+5V
329L
your microprocessor
Tx
Rx
Tx
Rx
The ELM329L and your
microprocessor must
use the same VDD supply
Busy RTS
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com